Electronic Components Datasheet Search
  English  ▼

X  

D882 Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # D882
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

D882 Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  D882 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. D882 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page:P2-P2
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
D882
Typical
Characteristics
0
50
100
150
0
2
4
6
8
10
Ta-Ambient Temperature - C
o
0
Tc-Case Temperature - C
DERATING CURVES FOR ALL TYPES
100
150
40
60
80
100
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
DC CURRENT GAIN, BASE TO EMITTER
VOLTAGE vs. COLLECTOR CURRENT
1000
100
10
1
0.001
0.01
0.1
1
10
I C-Collector Current-A
NOTE
1.Aluminum heat sink
of 1.0 mm thickness.
2.With no insulator film.
3.With silicon compound.
100
cm
25cm
9cm
Without hea
t sink
2
2
2
20
o
50
S/b
Lim
ited
PW-Pulse Width-mS
0.1
0.3
1
0.3
3
1
10
30
THERMAL RESISTANCE vs.
PULSE WIDTH
30
10
100 300
1000
3
VCE-Collector to Emitter Voltage-V
NOTE
1.TC=25 C
2.Curves must be derated
Iinearly with increase of
temperature and Duty Cycle.
P
W
=1
00
s
0.01
13
6
10
0.03
0.1
0.3
1 m
s
SAFE OPERATING AREAS
3
1
10
30
100
60
10
ms
MAX.(PW 10ms,Duty Cycle 50%)
I C(pulse)
I C(DC) MAX.
DC
Dis
sip
ation
S/b
Lim
ite
d
Lim
ite
d
(S
ing
le
no
nre
pe
titiv
e
pu
lse
)
o
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
12
VCE-Collector to Emitter Voltage-V
0
4
0.4
8
o
0.8
1.2
1.6
2.0
16
20
I B=1mA
2
3
4
5
6
7
8
9
10
Pulse Test
300
30
60
6
3
0.003
0.03
0.3
3
0.1
0.3
0.6
1
3
VCE=2.0V
Pulse Test
h FE
VBE
I C-Collector Current-A
BASE AND COLLECTOR SATURATION
VOLTAGE vs. COLLECTOR CURRENT
0.03
0.003
0.01
0.003
VBE(sat)
0.1
0.06
0.3
0.6
VCE(sat)
10
10
0.3
0.03
0.01
0.1
1
3
I C=10.IB
Pulse Test
0.006
1
3
0.001
1000
100
300
30
10
3
1
I C-Collcetor Current-A
0.01
0.03
0.1
0.3
1
GAIN BANDWIDTH PRODUCT vs.
COLLCETOR CURRENT
VCB-Collector to Base Voltage-V
VEB-Emitter to Base Voltage-V
INPUT AND OUTPUT CAPACITANCE vs.
REVERSE VOLTAGE
1
3
6
30
100
300
310
30
60
6
10
60
VCE=5.0V
Forced air
cooling
(with heat sink)
Cib
f=1.0MHz
I E=0(Cob)
I C=0(Cib)
Cob
VCE=10V
I C=1.0A
Duty=0.001



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com