Electronic Components Datasheet Search
  English  ▼

X  

8820 Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # 8820
Description  Plastic-Encapsulate Mosfets
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

8820 Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  8820 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 8820 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 8820 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 8820 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Plastic-Encapsulate Mosfets
Electrical Characteristics (TA=25°C, unless otherwise noted)
8820
Page:P4-P2
GUANGDONG
HOTTECH
INDUSTRIAL
CO., LTD.
Symbol
Min
Typ
Max
Units
BVDSS
20
V
1
IGSS
10
µA
BVGSO
±12
V
VGS(th)
0.5
0.65
1
.2
V
ID(ON)
25
A
2
8
3
8
gFS
25
S
VSD
0.75
1
V
IS
2.5
A
Ciss
615
pF
Coss
150
pF
Crss
120
pF
Rg
0.9
Ω
Qg
8.5
12
nC
Qgs
1.2
nC
Qgd
3nC
tD(on)
7ns
tr
13
ns
tD(off)
29
ns
tf
11
ns
trr
15
ns
Qrr
5
nC
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge
IF=7A, dI/dt=100A/µs
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=4.5V, VDS=5V
VGS=4.5V, ID=6A
Reverse Transfer Capacitance
IF=7A, dI/dt=100A/µs
STATIC PARAMETERS
Parameter
Conditions
Diode Forward Voltage
IDSS
µA
Gate Threshold Voltage
VDS=VGS ID=250µA
VDS=16V, VGS=0V
Zero Gate Voltage Drain Current
VDS=0V, VGS=±10V
Gate-Body leakage current
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
m
Ω
Turn-On Rise Time
Turn-Off DelayTime
VGS=5V, VDS=10V, RL=1.4Ω,
RGEN=3Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
SWITCHING PARAMETERS
Total Gate Charge
VGS=4.5V, VDS=10V, ID=7A
Gate Source Charge
Turn-On DelayTime
DYNAMIC PARAMETERS
VGS=0V, VDS=10V, f=1MHz
Gate Drain Charge
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Gate-Source Breakdown Voltage
VDS=0V, IG=±250uA
VGS=2.5V, ID=4.6A
IS=1A,VGS=0V
VDS=5V, ID=6A
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The value
in any given application depends on the user's specific board design. The current rating is based on the t ≤ 10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com