Electronic Components Datasheet Search
  English  ▼

X  

NPIM_B Datasheet(PDF) 12 Page - NIC-Components Corp.

Part # NPIM_B
Description  NPIM Shielded Power Inductors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM_B Datasheet(HTML) 12 Page - NIC-Components Corp.

Back Button NPIM_B Datasheet HTML 6Page - NIC-Components Corp. NPIM_B Datasheet HTML 7Page - NIC-Components Corp. NPIM_B Datasheet HTML 8Page - NIC-Components Corp. NPIM_B Datasheet HTML 9Page - NIC-Components Corp. NPIM_B Datasheet HTML 10Page - NIC-Components Corp. NPIM_B Datasheet HTML 11Page - NIC-Components Corp. NPIM_B Datasheet HTML 12Page - NIC-Components Corp. NPIM_B Datasheet HTML 13Page - NIC-Components Corp. NPIM_B Datasheet HTML 14Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__B Series
NPIM Shielded Power Inductors
Part Number
STANDARD VALUES - CASE SIZE 187B (17.15 x 17.15 x 6.8mm)
Inductance Value
(μH)
DC Resistance
(mΩ) max.
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM187B1R5MTRF
1.5
2.15
40
40
100KHz
NPIM187B2R2MTRF
2.2
2.5
37
34
NPIM187B4R7MTRF
4.7
4.72
27
24
NPIM187B6R8MTRF
6.8
7.55
20
22
NPIM187B8R2MTRF
8.2
8.7
16
20
NPIM187B100MTRF
10
10
14
18
NPIM187B150MTRF
15
15.5
12
13
NPIM187B200MTRF
20
21.9
9.7
12
NPIM187B220MTRF
22
23
9.5
11
NPIM187B330MTRF
33
37
9.0
10
NPIM187B470MTRF
47
47
6.8
7.5
NPIM187B680MTRF
68
85
5.2
6.5
A
E
1
E
2
D
2
D
1
B
LAND PATTERN
G
H
F
Series
A
B
C
D
1
D
2
E
1
E
2
t
F
G
H
NPIM187B 17.15 ± 0.35 17.15 max.
6.8 ± 0.2 2.5 ± 0.5 3.5 ± 0.1
12.0 ± 0.3
13.0 ± 0.5
0 ~ 0.30
11.2 18.2 12.8
NPIM136B CASE AND LAND PATTERN DIMENSIONS
C
t
Contact NIC for
NPIM187B Performance Curves
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Additional values are available outside the standard offering above. Please contact NIC for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com