Electronic Components Datasheet Search
  English  ▼

X  

NPIM101B Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NPIM101B
Description  NPIM Shielded Power Inductors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM101B Datasheet(HTML) 6 Page - NIC-Components Corp.

Back Button NPIM101B Datasheet HTML 2Page - NIC-Components Corp. NPIM101B Datasheet HTML 3Page - NIC-Components Corp. NPIM101B Datasheet HTML 4Page - NIC-Components Corp. NPIM101B Datasheet HTML 5Page - NIC-Components Corp. NPIM101B Datasheet HTML 6Page - NIC-Components Corp. NPIM101B Datasheet HTML 7Page - NIC-Components Corp. NPIM101B Datasheet HTML 8Page - NIC-Components Corp. NPIM101B Datasheet HTML 9Page - NIC-Components Corp. NPIM101B Datasheet HTML 10Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__B Series
NPIM Shielded Power Inductors
Part Number
STANDARD VALUES - CASE SIZE 75B ( 7.05 X 6.6 X 4.8mm)
Inductance Value
(μH)
DC Resistance
(mΩ) max.
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM75BR13MTRF
0.13
1.2
42
48
100KHz
NPIM75BR22MTRF
0.22
1.3
30
35
NPIM75BR36MTRF
0.36
3.1
21
25
NPIM75BR40MTRF
0.40
3.5
20
23
NPIM75BR47MTRF
0.47
3.75
20
21
NPIM75BR56MTRF
0.56
3.6
20
18
NPIM75BR68MTRF
0.68
4.2
18
16
NPIM75BR82MTRF
0.82
4.9
16.5
17
NPIM75B1R0MTRF
1.0
6.5
13
15
NPIM75B1R2MTRF
1.2
7.5
12
13
NPIM75B1R5MTRF
1.5
7.5
11
12
NPIM75B2R2MTRF
2.2
12.5
10.5
12
NPIM75B3R3MTRF
3.3
20.9
8.5
9.0
NPIM75B4R7MTRF
4.7
25
6.5
7.0
NPIM75B5R6MTRF
5.6
34.4
6.0
7.0
NPIM75B6R8MTRF
6.8
41
5.5
6.0
NPIM75B8R2MTRF
8.2
43
5.5
5.5
NPIM75B100MTRF
10
55
4.5
5.3
NPIM75B150MTRF
15
127
3.1
3.4
NPIM75B220MTRF
22
190
2.6
2.8
Contact NIC for
NPIM75B Performance Curves
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Additional values are available outside the standard offering above. Please contact NIC for more details.
Part Number
STANDARD VALUES - CASE SIZE 101B ( 10.85 X 10.3 X 1.3mm)
Inductance Value
(μH)
DC Resistance
(mΩ) max.
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM101BR68MTRF
0.68
16
7.5
16
100KHz
NPIM101BR82MTRF
0.82
18
6.0
14
NPIM101B1R0MTRF
1.0
21
5.5
12
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Additional values are available outside the standard offering above. Please contact NIC for more details.
Contact NIC for
NPIM101B Performance Curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com