Electronic Components Datasheet Search
  English  ▼

X  

LM4667 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4667
Description  Filterless High Efficiency 1.3W Switching Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4667 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4667 Datasheet HTML 1Page - National Semiconductor (TI) LM4667 Datasheet HTML 2Page - National Semiconductor (TI) LM4667 Datasheet HTML 3Page - National Semiconductor (TI) LM4667 Datasheet HTML 4Page - National Semiconductor (TI) LM4667 Datasheet HTML 5Page - National Semiconductor (TI) LM4667 Datasheet HTML 6Page - National Semiconductor (TI) LM4667 Datasheet HTML 7Page - National Semiconductor (TI) LM4667 Datasheet HTML 8Page - National Semiconductor (TI) LM4667 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Connection Diagrams
9 Bump micro SMD Package
micro SMD Marking
20040536
Top View
Order Number LM4667ITL, LM4667ITLX
See NS Package Number TLA09AAA
200405C6
Top View
X — Date Code
T — Die Traceability
G — Boomer Family
B4– LM4667ITL
Mini Small Outline (MSOP) Package
MSOP Marking
200405I4
Top View
Order Number LM4667MM
See NS Package Number MUB10A
200405H8
Top View
G — Boomer Family
A6 — LM4667MM
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com