Electronic Components Datasheet Search
  English  ▼

X  

NLI_C Datasheet(PDF) 8 Page - NIC-Components Corp.

Part # NLI_C
Description  NLI Radial Power Inductors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI_C Datasheet(HTML) 8 Page - NIC-Components Corp.

Back Button NLI_C Datasheet HTML 2Page - NIC-Components Corp. NLI_C Datasheet HTML 3Page - NIC-Components Corp. NLI_C Datasheet HTML 4Page - NIC-Components Corp. NLI_C Datasheet HTML 5Page - NIC-Components Corp. NLI_C Datasheet HTML 6Page - NIC-Components Corp. NLI_C Datasheet HTML 7Page - NIC-Components Corp. NLI_C Datasheet HTML 8Page - NIC-Components Corp. NLI_C Datasheet HTML 9Page - NIC-Components Corp. NLI_C Datasheet HTML 10Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPI108C STANDARD VALUES (H = 21mm x D = 12mm)
Part Number
Inductance
(mH) @ 1KHz
Indutance
Tolerance*
DCR
(W) max.
I sat
(A)
Irms
(A)
NLI108C4R7K_ _ _F
4.7
±10%
0.008
10
6.0
NLI108C6R8K_ _ _F
6.8
±10%
0.011
8.0
5.5
NLI108C100K_ _ _F
10
±10%
0.017
7.0
4.5
NLI108C150K_ _ _F
15
±10%
0.022
5.5
4.0
NLI108C220K_ _ _F
22
±10%
0.026
4.5
3.7
NLI108C330K_ _ _F
33
±10%
0.032
3.8
3.3
NLI108C470K_ _ _F
47
±10%
0.035
3.2
3.0
NLI108C680K_ _ _F
68
±10%
0.047
2.6
2.6
NLI108C101K_ _ _F
100
±10%
0.090
2.2
2.0
NLI108C151K_ _ _F
150
±10%
0.129
1.8
1.6
NLI108C221K_ _ _F
220
±10%
0.162
1.5
1.5
NLI108C331K_ _ _F
330
±10%
0.212
1.2
1.2
NLI108C471K_ _ _F
470
±10%
0.380
1.0
1.0
NLI108C681K_ _ _F
680
±10%
0.548
0.84
0.84
NLI108C102K_ _ _F
1,000
±10%
0.844
0.66
0.66
NLI108C152K_ _ _F
1,500
±10%
1.18
0.55
0.55
NLI108C222K_ _ _F
2,200
±10%
2.00
0.46
0.44
NLI108C332K_ _ _F
3,300
±10%
2.53
0.38
0.38
NLI108C472K_ _ _F
4,700
±10%
3.19
0.32
0.32
NLI108C682K_ _ _F
6,800
±10%
5.69
0.26
0.25
NLI108C103K_ _ _F
10,000
±10%
7.30
0.22
0.22
NLI108C153K_ _ _F
15,000
±10%
10.5
0.18
0.18
NLI108C223K_ _ _F
22,000
±10%
21.8
0.14
0.13
NLI108C333K_ _ _F
33,000
±10%
25.7
0.12
0.12
NLI108C473K_ _ _F
47,000
±10%
36.1
0.10
0.10
NLI108C683K_ _ _F
68,000
±10%
57.3
0.08
0.08
NLI108C104K_ _ _F
100,000
±10%
89 .7
0.06
0.06
NLI__C Series
NLI Radial Power Inductors
Irm maximum +20°C temperature rise, Isat DL -10% max.
* Contact NIC for other tolerance options.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com