Electronic Components Datasheet Search
  English  ▼

X  

LM4910MM Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4910MM
Description  Output Capacitor-less Stereo 35mW Headphone Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4910MM Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM4910MM Datasheet HTML 11Page - National Semiconductor (TI) LM4910MM Datasheet HTML 12Page - National Semiconductor (TI) LM4910MM Datasheet HTML 13Page - National Semiconductor (TI) LM4910MM Datasheet HTML 14Page - National Semiconductor (TI) LM4910MM Datasheet HTML 15Page - National Semiconductor (TI) LM4910MM Datasheet HTML 16Page - National Semiconductor (TI) LM4910MM Datasheet HTML 17Page - National Semiconductor (TI) LM4910MM Datasheet HTML 18Page - National Semiconductor (TI) LM4910MM Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Application Information (Continued)
The LM4910 is unity-gain stable and requires no external
components besides gain-setting resistors, input coupling
capacitors, and proper supply bypassing in the typical appli-
cation. However, if a very large closed-loop differential gain
is required, a feedback capacitor (C
f) may be needed as
shown in Figure 6 to bandwidth limit the amplifier. This
feedback capacitor creates a low pass filter that eliminates
possible high frequency oscillations. Care should be taken
when calculating the -3dB frequency in that an incorrect
combination of R
f and Cf will cause frequency response roll
off before 20kHz. A typical combination of feedback resistor
and capacitor that will not produce audio band high fre-
quency roll off is Rf = 20k
Ω and C
f = 25pF. These compo-
nents result in a -3dB point of approximately 320kHz.
REFERENCE DESIGN BOARD and LAYOUT GUIDELINES
MSOP & SO BOARDS
(Note: R
PU2 is not required. It is used for test measurement purposes only.)
20030569
FIGURE 8.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com