Electronic Components Datasheet Search
  English  ▼

X  

DS96174 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96174
Description  RS-485/RS-422 Quad Differential Line Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96174 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS96174 Datasheet HTML 1Page - National Semiconductor (TI) DS96174 Datasheet HTML 2Page - National Semiconductor (TI) DS96174 Datasheet HTML 3Page - National Semiconductor (TI) DS96174 Datasheet HTML 4Page - National Semiconductor (TI) DS96174 Datasheet HTML 5Page - National Semiconductor (TI) DS96174 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
Molded DIP
−65˚C to +150˚C
Operating Temperature Range
0˚C to +70˚C
Lead Temperature
Molded DIP (soldering, 10
sec.)
265˚C
Supply Voltage
7V
Enable Input Voltage
5.5V
Maximum Power Dissipation
(Note 1)
25˚C
N-Molded Package
1.98W
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
CC)
4.75
5
5.25
V
Common Mode Output
Voltage (V
OC)
−7
+12
V
Output Current HIGH (I
OH)
−60
mA
Output Current LOW (I
OL)60
mA
Operating Temperature (T
A)
0
25
70
˚C
Note 1: Derate molded DIP package 16mW/˚C above 25˚C.
Electrical Characteristics (Notes 3, 4)
over recommended temperature and supply voltage ranges, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IH
Input Voltage HIGH
2
V
V
IL
Input Voltage LOW
0.8
V
V
OH
Output Voltage HIGH
I
OH = −20 mA
3.1
V
V
OL
Output Voltage LOW
I
OL =20mA
0.8
V
V
IC
Input Clamp Voltage
I
I = −18 mA
−1.5
V
|V
OD1|
Differential Output Voltage
I
O =0mA
6
V
|V
OD2|
Differential Output Voltage
R
L =54Ω, Figure 1
1.5
2
V
R
L = 100Ω, Figure 1
2
2.3
V
∆|V
OD|
Change in Magnitude of Differential
R
L =54Ω or 100Ω, Figure 1
±0.2
V
Output Voltage (Note 5)
V
OC
Common Mode Output Voltage (Note 6)
R
L =54Ω, Figure 1
3V
∆|V
OC|
Change in Magnitude of Common Mode
±0.2
V
Output Voltage (Note 5)
I
O
Output Current with Power Off
V
CC = 0V, VO = −7.0V to 12V
±100
µA
I
OZ
High Impedance State Output Current
V
O = −7.0V to 12V
±50
±200
µA
I
IH
Input Current HIGH
V
I = 2.7V
20
µA
I
IL
Input Current LOW
V
I = 0.5V
−100
µA
I
OS
Short Circuit Output Current
V
O = −7.0V
−250
(Note 7)
V
O = 0V
−150
mA
V
O =VCC
150
V
O = 12V
250
I
CC
Supply Current (All Drivers)
No Load
Outputs Enabled
50
70
mA
Output Disabled
50
60
Switching Characteristics
V
CC = 5V, TA = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
DD
Differential Output Delay Time
R
L =60Ω, Figure 2
15
25
ns
t
TD
Differential Output Transition Time
15
25
ns
t
PLH
Propagation Delay Time,
R
L =27Ω, Figure 3
12
20
ns
Low-to-High Level Output
t
PHL
Propagation Delay Time,
12
20
ns
High-to-Low Level Output
t
PZH
Output Enable Time to High Level
R
L = 110Ω, Figure 4
30
45
ns
t
PZL
Output Enable Time to Low Level
R
L = 110Ω, Figure 5
30
45
ns
www.national.com
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com