Electronic Components Datasheet Search
  English  ▼

X  

LMV301 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV301
Description  Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV301 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMV301 Datasheet HTML 11Page - National Semiconductor (TI) LMV301 Datasheet HTML 12Page - National Semiconductor (TI) LMV301 Datasheet HTML 13Page - National Semiconductor (TI) LMV301 Datasheet HTML 14Page - National Semiconductor (TI) LMV301 Datasheet HTML 15Page - National Semiconductor (TI) LMV301 Datasheet HTML 16Page - National Semiconductor (TI) LMV301 Datasheet HTML 17Page - National Semiconductor (TI) LMV301 Datasheet HTML 18Page - National Semiconductor (TI) LMV301 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Application Hints (Continued)
The designer should be aware that when it is inappropriate
to lay out a PC board for the sake of just a few circuits, there
is another technique which is even better than a guard ring
on a PC board: Don’t insert the amplifier’s input pin into the
board at all, but bend it up in the air and use only air as an
insulator. Air is an excellent insulator. In this case you may
have to forego some of the advantages of PC board
construction, but the advantages are sometimes well worth
the effort of using point-to-point up-in-the-air wiring. See
Figure 6
20019321
(Input pins are lifted out of PC board and soldered directly to components. All other pins connected to PC board.)
FIGURE 6. Air Wiring
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com