Electronic Components Datasheet Search
  English  ▼

X  

LMX2522 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2522
Description  PLLatinum Frequency Synthesizer System with Integrated VCOs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2522 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMX2522 Datasheet HTML 10Page - National Semiconductor (TI) LMX2522 Datasheet HTML 11Page - National Semiconductor (TI) LMX2522 Datasheet HTML 12Page - National Semiconductor (TI) LMX2522 Datasheet HTML 13Page - National Semiconductor (TI) LMX2522 Datasheet HTML 14Page - National Semiconductor (TI) LMX2522 Datasheet HTML 15Page - National Semiconductor (TI) LMX2522 Datasheet HTML 16Page - National Semiconductor (TI) LMX2522 Datasheet HTML 17Page - National Semiconductor (TI) LMX2522 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Programming Description (Continued)
R2 REGISTER
The R2 Register address bits (R2 [1:0]) are “10”.
The IF_CUR [1:0] bits program the IF charge pump current. Considering the external IF VCO and loop filter, the user can select
the amount of IF charge pump current to be 100µA, 200µA, 300µA or 800µA.
R2 REGISTER
MSB
SHIFT REGISTER BIT LOCATION
LSB
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
Data Field
Address
Field
R2
(Default)
IF_
CUR[1:0]
00100111011
01
0
1
00010
10
Name
Functions
IF_CUR [1:0]
IF Charge Pump Current
00 = 100 µA
01 = 200 µA
10 = 300 µA
11 = 800 µA
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com