Electronic Components Datasheet Search
  English  ▼

X  

LT1619 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1619
Description  Low Voltage Current Mode PWM Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1619 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1619 Datasheet HTML 6Page - Linear Technology LT1619 Datasheet HTML 7Page - Linear Technology LT1619 Datasheet HTML 8Page - Linear Technology LT1619 Datasheet HTML 9Page - Linear Technology LT1619 Datasheet HTML 10Page - Linear Technology LT1619 Datasheet HTML 11Page - Linear Technology LT1619 Datasheet HTML 12Page - Linear Technology LT1619 Datasheet HTML 13Page - Linear Technology LT1619 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT1619
1619fa
f
RC
f
CORNER
OS S
S
=≈
1
2
5
π
(The input impedance of the sense amplifier at the SENSE
pin is 2500
Ω and ROS is typically less than 137Ω.) Typical
values for ROS and CS are 100Ω and 1nF. The 100Ω value
for ROS reduces Burst Mode threshold; use 10Ω and 10nF
when this is not desireable.
Figure 7. Implementing Undervoltage Lockout
+
–
V
V
I
0
ZENER
DIODE
AVALANCHE
DIODE
BV < 5V
I
Figure 8. I-V Characteristics of Zener
and Avalanche Breakdown Diodes
S/S
FB
VC
GND
8
7
6
5
1
2
3
4
VIN
DRV
GATE
SENSE
LT1619
R3
C1
R4
VIN
1619 F09
Figure 9. Filtering Input Voltage Ripple in UVLO Circuit
Use of Shutdown Function to
Modify Undervoltage Lockout
The LT1619 is designed to operate from an input supply
with voltage as low as 1.85V. Shutdown is activated when
the S/S pin is pulled below 0.45V. The shutdown threshold
is slightly greater than one junction diode forward voltage
and has the temperature characteristics of a junction
diode. The S/S pin is normally tied to the input when
operating from a low voltage input source.
Consider the 12V to – 65V isolated flyback converter (see
Typical Applications). The converter draws 3A at low line
while delivering 0.4A to the output. If the S/S pin is tied to
the input, then the LT1619 will start switching as soon as
VIN exceeds the internal UVLO threshold. With full load,
the converter can draw much higher than the steady-state
3A from the input source during start-up. If the input
source is current limited, the input voltage will collapse
and latch low.
The start-up problem can be prevented by adding a zener
diode and a resistor to the S/S pin (Figure 7). This is
equivalent to increasing undervoltage lockout voltage of
the controller. Before VIN exceeds the zener voltage VZ, the
S/S pin current is shunted to the ground through the
Figure 6. Current Sense Filter for Improving Jitter Performance
resistor R3. The voltage developed across R3 due to IS/S
should be less than the shutdown threshold. The LT1619
remains off until VIN exceeds the sum of VZ and the
shutdown threshold. True zener diodes (BV < 5V) and
higher voltage avalanche diodes have different I-V charac-
teristics (Figure 8). They need to be biased appropriately
(value of R3) in order to obtain correct UVLO threshold.
When implementing UVLO with converters with high input
ripple voltages (such as flyback and forward), the circuit
in Figure 7 is modified and shown in Figure 9.
PWM
COMPARATOR
CURRENT
SENSE
AMPLIFIER
SENSE
CS RSENSE
VSENSE
+
–
ROS
ID
GND
1619 F06
LT1619
–
+
5
4
S/S
FB
VC
GND
8
7
6
5
1
2
3
4
VIN
DRV
GATE
SENSE
LT1619
R3
VZ
VIN
IS/S
1619 F07
IS/S
VS/S = 0
R3 < SHUTDOWN THRESHOLD
≈ –2µA
UVLO THRESHOLD = VZ + SHUTDOWN
THRESHOLD
≈ VZ + VBE
()
IS/S
VS/S = 0
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com