Electronic Components Datasheet Search
  English  ▼

X  

LT1737 Datasheet(PDF) 23 Page - Linear Technology

Part # LT1737
Description  High Power Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1737 Datasheet(HTML) 23 Page - Linear Technology

Back Button LT1737 Datasheet HTML 19Page - Linear Technology LT1737 Datasheet HTML 20Page - Linear Technology LT1737 Datasheet HTML 21Page - Linear Technology LT1737 Datasheet HTML 22Page - Linear Technology LT1737 Datasheet HTML 23Page - Linear Technology LT1737 Datasheet HTML 24Page - Linear Technology LT1737 Datasheet HTML 25Page - Linear Technology LT1737 Datasheet HTML 26Page - Linear Technology LT1737 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
LT1737
1737f
TYPICAL APPLICATIO S
APPLICATION WITH 2-WINDING TRANSFORMER
The previous application example utilized a 3-winding
transformer, the third winding providing only feedback
information. Additional circuitry may be employed to
provide feedback information, thus allowing the trans-
former to be reduced to a 2-winding topology. (The cost
and size savings associated with the transformer often
make this a preferable alternative. Furthermore, a variety
of manufacturers offer off-the-shelf dual wound magnet-
ics which often can be applied as 1:1 transformers.)
Figure 12 shows an LT1737 configured for operation with
a dual wound toroid, the Coiltronics #CTX150-4
OCTA-PAC
TM. A ground referred version of the flyback
voltage waveform is now provided by components Q1, R2,
R1
0.27
Ω
0.5W
IRC TYPE LR 2010
M1
IRFL014
R10
5.1
Ω
5%
13
4
T1
COILTRONICS
CTX150-4
VIN
2
1737 F12
R6
100k
5%
R5
150k
5%
C5
47pF
50V
NPO
6
8
7
3
910
15
R9
33k
5%
R8
240k
5%
16
2
14
13
12
4
5
11
1
C3
1nF
25V
X7R
R7
4.7k
5%
R11
100
Ω
5%
D4
1N5252
D3
MBRS1100
R4
75k
5%
C1: AVX TPS TANTALUM (TPSE226M035R0300)
C2: AVX TPS TANTALUM (TPSE336M025R0200)
D1, D3: MOTOROLA 100V, 1A SCHOTTKY DIODE
D2: SIGNAL DIODE
D4: 24V, 500mW ZENER DIODE
R3
3.01k
1%
C8
0.1
µF
25V
Z5U
C4
0.1
µF
25V
Z5U
C6
470pF
50V
X7R
C7
470pF
50V
X7R
•
•
D1
MBRS1100
C2
33
µF
25V
+
R13
7.5k
5%
VOUT
15V
250mA
R12
100
Ω
5%
M1: INT’L RECTIFIER 60V, 0.2
Ω N-CH MOSFET
D2
BAS16
Q1
2N3906
R2
35.7k
1%
C1
22
µF
35V
+
PGND
ISENSE
GATE
VC
FB
VCC
UVLO
3VOUT
SGND
RCMPC
ROCMP
MINENAB
LT1737
ENDLY
SFST
OSCAP
tON
Figure 12. 12V-18V to Isolated 15V Converter
ILOAD (mA)
1
60
70
80
90
10
100
1000
1737 F13
50
40
30
20
VIN = 12V
VIN = 15V
VIN = 18V
Figure 13. Efficiency vs ILOAD
ILOAD (mA)
0
15.0
VIN = 12V
1737 F14
14.5
100
200
300
15.5
VIN = 15V
VIN = 18V
Figure 14. Load Regulation
OCTA-PAC is a trademark of Coiltronics, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com