Electronic Components Datasheet Search
  English  ▼

X  

M68AF511AM70NC1T Datasheet(PDF) 11 Page - STMicroelectronics

Part # M68AF511AM70NC1T
Description  4 Mbit (512K x8), 5V Asynchronous SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF511AM70NC1T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M68AF511AM70NC1T Datasheet HTML 7Page - STMicroelectronics M68AF511AM70NC1T Datasheet HTML 8Page - STMicroelectronics M68AF511AM70NC1T Datasheet HTML 9Page - STMicroelectronics M68AF511AM70NC1T Datasheet HTML 10Page - STMicroelectronics M68AF511AM70NC1T Datasheet HTML 11Page - STMicroelectronics M68AF511AM70NC1T Datasheet HTML 12Page - STMicroelectronics M68AF511AM70NC1T Datasheet HTML 13Page - STMicroelectronics M68AF511AM70NC1T Datasheet HTML 14Page - STMicroelectronics M68AF511AM70NC1T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11/18
M68AF511A
Write Mode
The M68AF511A is in the Write mode whenever
the W and E pins are Low. Either the Chip Enable
input (E) or the Write Enable input (W) must be de-
asserted during Address transitions for subse-
quent write cycles. Write begins with the concur-
rence of Chip Enable being active with W low.
Therefore, address setup time is referenced to
Write Enable and Chip Enable as tAVWL and tAVEH
respectively, and is determined by the latter occur-
ring edge.
The Write cycle can be terminated by the earlier
rising edge of E, or W.
if the Output is enabled (E = Low and G = Low),
then W will return the outputs to high impedance
within tWLQZ of its falling edge. Care must be taken
to avoid bus contention in this type of operation.
Data input must be valid for tDVWH before the ris-
ing edge of Write Enable, or for tDVEH before the
rising edge of E, whichever occurs first, and re-
main valid for tWHDX or tEHDX.
Figure 10. Write Enable Controlled, Write AC Waveforms
Note: 1. During this period DQ0-DQ7 are in output state and input signal should not be applied.
AI05913
tAVAV
tWHAX
tDVWH
DATA INPUT
A0-A18
E
W
DQ0-DQ7
VALID
tAVWH
tELWH
tWLWH
tAVWL
tWLQZ
tWHDX
tWHQX
DATA (1)
DATA (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com