Electronic Components Datasheet Search
  English  ▼

X  

EP5348UI Datasheet(PDF) 7 Page - Altera Corporation

Part # EP5348UI
Description  Integrated Inductor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5348UI Datasheet(HTML) 7 Page - Altera Corporation

Back Button EP5348UI Datasheet HTML 3Page - Altera Corporation EP5348UI Datasheet HTML 4Page - Altera Corporation EP5348UI Datasheet HTML 5Page - Altera Corporation EP5348UI Datasheet HTML 6Page - Altera Corporation EP5348UI Datasheet HTML 7Page - Altera Corporation EP5348UI Datasheet HTML 8Page - Altera Corporation EP5348UI Datasheet HTML 9Page - Altera Corporation EP5348UI Datasheet HTML 10Page - Altera Corporation EP5348UI Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
EP5348UI
Detailed Description
Functional Overview
The EP5348UI requires only 2 small MLCC
capacitors and a few small-signal components
for a complete DC-DC converter solution. The
device integrates MOSFET switches, PWM
controller,
Gate-drive,
part
of
the
loop
compensation, and inductor into a tiny 2.0mm x
1.75mm
x
0.9mm
micro-QFN
package.
Advanced package design, along with the high
level of integration, provides very low output
ripple and noise. The EP5348UI uses voltage
mode control for high noise immunity and load
matching to advanced ≤90nm loads.
An
external resistor divider is used to program
output setting over the 0.6V to VIN-VDROPOUT as
specified in the Electrical Characteristics Table.
The EP5348UI provides the industry’s highest
power density of any 400mA DC-DC converter
solution.
The
key
enabler
of
this
revolutionary
integration
is
Altera
Enpirion’s
proprietary
power MOSFET technology.
The advanced
MOSFET switches are implemented in deep-
submicron CMOS to supply very low switching
loss at high switching frequencies and to allow
a high level of integration. The semiconductor
process allows seamless integration of all
switching, control, and compensation circuitry.
The proprietary magnetics
design provides
high-density/high-value magnetics in a very
small footprint.
Altera Enpirion magnetics are
carefully
matched
to
the
control
and
compensation
circuitry
yielding
an
optimal
solution with assured performance over the
entire operating range.
Protection features include under-voltage lock-
out (UVLO), over-current protection (OCP),
short circuit protection, and thermal overload
protection.
Integrated Inductor
The EP5348UI utilizes a proprietary low loss
integrated inductor.
The integration of the
inductor greatly simplifies the power supply
design process. The inherent shielding and
compact construction of the integrated inductor
reduces the noise that can couple into the
traces of the printed circuit board. Further, the
package layout is optimized to reduce the
electrical path length for the high di/dT currents
that are always present in DC-DC converters.
The integrated inductor provides the optimal
solution to the complexity, output ripple, and
noise that plague low power DC-DC converter
design.
Control Matched to sub 90nm Loads
The EP5348UI utilizes a type III compensation
network.
Voltage mode control is inherently
impedance matched to the sub 90nm process
technology that is used in today’s advanced
ICs. Voltage mode control also provides a high
degree of noise immunity at light load currents
so that low ripple and high accuracy are
maintained over the entire load range.
The
very high switching frequency allows for a very
wide
control
loop
bandwidth
and
hence
excellent transient performance.
Soft Start
Internal soft start circuits limit the rate of output
voltage rise when the device starts up from a
power down condition, or when the “ENABLE”
pin is asserted “high”. Digital control circuitry
controls the VOUT rise time to ensure a smooth
turn-on ramp.
The EP5348UI has a fixed VOUT turn-on time.
Therefore, the ramp rate will vary with the
output voltage setting. Output voltage rise time
is given in the Electrical Characteristics Table.
Excess bulk capacitance on the output of the
device can cause an over-current condition at
startup.
The maximum total capacitance on
the output, including the output filter capacitor,
and bulk and decoupling capacitance at the
load, is given as:
COUT_TOTAL_MAX = 9.333 x 10
-4 / V
OUT
The nominal value for the output filter capacitor
is 10uF. See the applications section for more
details.
Over Current/Short Circuit Protection
The current limit function is
achieved by
sensing the current flowing through a sense P-
7
www.altera.com/enpirion
05721
October 11, 2013
Rev D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com