Electronic Components Datasheet Search
  English  ▼

X  

DS9636A Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS9636A
Description  RS-423 Dual Programmable Slew Rate Line Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS9636A Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS9636A Datasheet HTML 1Page - National Semiconductor (TI) DS9636A Datasheet HTML 2Page - National Semiconductor (TI) DS9636A Datasheet HTML 3Page - National Semiconductor (TI) DS9636A Datasheet HTML 4Page - National Semiconductor (TI) DS9636A Datasheet HTML 5Page - National Semiconductor (TI) DS9636A Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics
V
CC = ±12V ±10%,TA = 25˚C, see AC Test Circuit
Symbol
Parameter
Condition
Min
Typ
Max
Units
t
r
Rise Time
R
WS = 10 kΩ
0.8
1.1
1.4
R
WS = 100 kΩ
8.0
11
14
µs
R
WS = 500 kΩ
40
55
70
R
WS = 1000 kΩ
80
110
140
t
f
Fall Time
R
WS = 10 kΩ
0.8
1.1
1.4
R
WS = 100 kΩ
8.0
11
14
µs
R
WS = 500 kΩ
40
55
70
R
WS = 1000 kΩ
80
110
140
Typical Performance Characteristics
Input/Output Transfer
Characteristic vs Temperature
DS009620-7
Input Current vs
Input Voltage
DS009620-8
Output Current vs
Output Voltage (Power On)
DS009620-9
Output Current vs
Output Voltage (Power Off)
DS009620-10
Supply Current
vs Temperature
DS009620-11
Transition Time vs R
WS
DS009620-12
DS009620-4
CL includes jig and probe capacitance
DS009620-5
VI
Amplitude: 3.0V
Offset: 0V
Pulse Width: 500 µs
PRR: 1.0 kHz
tr = tf ≤ 10 ns
FIGURE 1. AC Test Circuit and Waveforms
www.national.com
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com