Electronic Components Datasheet Search
  English  ▼

X  

MAX5591AEUI Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX5591AEUI
Description  Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5591AEUI Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX5591AEUI Datasheet HTML 21Page - Maxim Integrated Products MAX5591AEUI Datasheet HTML 22Page - Maxim Integrated Products MAX5591AEUI Datasheet HTML 23Page - Maxim Integrated Products MAX5591AEUI Datasheet HTML 24Page - Maxim Integrated Products MAX5591AEUI Datasheet HTML 25Page - Maxim Integrated Products MAX5591AEUI Datasheet HTML 26Page - Maxim Integrated Products MAX5591AEUI Datasheet HTML 27Page - Maxim Integrated Products MAX5591AEUI Datasheet HTML 28Page - Maxim Integrated Products MAX5591AEUI Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
Buffered, Fast-Settling, Octal, 12/10/8-Bit,
Voltage-Output DACs
______________________________________________________________________________________
25
Settling-Time-Mode Write Example:
To configure DACA and DACD into FAST mode and
DACB and DACC into SLOW mode, use the command
in Table 13.
To read back the settling-time-mode bits, use the com-
mand in Table 14.
CPOL and CPHA Control Bits
The
CPOL
and
CPHA
control
bits
of
the
MAX5590–MAX5595 are defined the same as the CPOL
and CPHA bits in the SPI standard. Set the DAC’s
CPOL and CPHA bits to CPOL = 0 and CPHA = 0 or
CPOL = 1 and CPHA = 1 for MICROWIRE and SPI
applications requiring the clocking of data in on the ris-
ing edge of SCLK. Set the DAC’s CPOL and CPHA bits
to CPOL = 0 and CPHA = 1 or CPOL = 1 and CPHA =
0 for DSP and SPI applications, requiring the clocking
of data in on the falling edge of SCLK (refer to the
Programmer’s Handbook and see Table 15 for details).
At power-up, if DSP = DVDD, the default value of CPHA
is zero and if DSP = DGND, the default value of CPHA
is one. The default value of CPOL is zero at power-up.
To write to the CPOL and CPHA bits, use the command
in Table 16.
To read back the device’s CPOL and CPHA bits, use
the command in Table 17.
Table 13. Settling-Time-Mode Write Example
DATA
CONTROL BITS
DATA BITS
DIN
10
11
10
0
0
X
X
X
X
10
01
X = Don’t care.
Table 14. Settling-Time-Mode Read Command
DATA
CONTROL BITS
DATA BITS
DIN
1
0
1
110
01
X
X
XX
XXX
X
DOUTRB
XX
X
XXX
XX
SPDH SPDGSPDFSPDE SPDD SPDC SPDB SPDA
Table 17. CPOL and CPHA Read Command
DATA
CONTROL BITS
DATA BITS
DIN
1
1
0
0
0
0
0
1
X
X
X
X
X
X
X
X
DOUTRB
XX
X
X
X
X
X
X
XX
X
X
X
X
CPOL
CPHA
Table 15. CPOL and CPHA Bits
CPOL
CPHA
DESCRIPTION
00
Default values at power-up when DSP is connected to DVDD. Data is clocked in on the rising edge
of SCLK.
01
Default values at power-up when DSP is connected to DGND. Data is clocked in on the falling edge
of SCLK.
10
Data is clocked in on the falling edge of SCLK.
11
Data is clocked in on the rising edge of SCLK.
Table 16. CPOL and CPHA Write Command
DATA
CONTROL BITS
DATA BITS
DIN
11
0
0
00
00X
X
X
X
X
X
CPOL CPHA
X = Don’t care.
X = Don’t care.
X = Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com