Electronic Components Datasheet Search
  English  ▼

X  

MIC2199 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2199
Description  300kHz 4mm 횞 4mm Synchronous Buck Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2199 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2199 Datasheet HTML 7Page - Micrel Semiconductor MIC2199 Datasheet HTML 8Page - Micrel Semiconductor MIC2199 Datasheet HTML 9Page - Micrel Semiconductor MIC2199 Datasheet HTML 10Page - Micrel Semiconductor MIC2199 Datasheet HTML 11Page - Micrel Semiconductor MIC2199 Datasheet HTML 12Page - Micrel Semiconductor MIC2199 Datasheet HTML 13Page - Micrel Semiconductor MIC2199 Datasheet HTML 14Page - Micrel Semiconductor MIC2199 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
November 2004
11
MIC2199
MIC2199
Micrel
reduction in efficiency. The average current required to drive
the high-side MOSFET is:
IQ
f
G[high-side](avg)
G
S
=×
where:
I
G[high-side](avg) =
average high-side MOSFET gate current
Q
G = total gate charge for the high-side MOSFET
taken from manufacturer’s data sheet
with V
GS = 5V.
f
s = 300kHz
The low-side MOSFET is turned on and off at V
DS = 0
because the freewheeling diode is conducting during this
time. The switching losses for the low-side MOSFET is
usually negligible. Also, the gate drive current for the low-side
MOSFET is more accurately calculated using C
ISS at VDS =
0 instead of gate charge.
For the low-side MOSFET:
IC
V
f
G[low-side](avg)
ISS
GS
S
=×
×
Since the current from the gate drive comes from the input
voltage, the power dissipated in the MIC2199 due to gate
drive is:
PV
I
I
GATEDRIVE
IN G[high-side](avg)
G[low-side](avg)
=+
()
A convenient figure of merit for switching MOSFETs is the on-
resistance times the total gate charge (R
DS(on) × QG). Lower
numbers translate into higher efficiency. Low gate-charge
logic-level MOSFETs are a good choice for use with the
MIC2199. Power dissipation in the MIC2199 package limits
the maximum gate drive current.
Parameters that are important to MOSFET switch selection
are:
• Voltage rating
• On-resistance
• Total gate charge
The voltage rating of the MOSFETs are essentially equal to
the input voltage. A safety factor of 20% should be added to
the V
DS(max) of the MOSFETs to account for voltage spikes
due to circuit parasitics.
The power dissipated in the switching transistor is the sum of
the conduction losses during the on-time (P
CONDUCTION) and
the switching losses that occur during the period of time when
the MOSFETs turn on and off (P
AC).
PP
P
SW
CONDUCTION
AC
=+
where:
PI
R
CONDUCTION
SW(rms)
SW
2
=×
PP
P
AC
AC(off)
AC(on)
=+
R
SW = on-resistance of the MOSFET switch.
Making the assumption the turn-on and turnoff transition
times are equal, the transition time can be approximated by:
t
CV
C
V
I
T
ISS
GS
OSS
IN
G
=
×+
×
where:
C
ISS and COSS are measured at VDS = 0.
I
G = gate drive current (1A for the MIC2199)
The total high-side MOSFET switching loss is:
P(V
V ) I
t
f
AC
IN
D
PK
T
S
=+
×
×
×
where:
t
T = switching transition time (typically 20ns to 50ns)
V
D = freewheeling diode drop, typically 0.5V.
f
S it the switching frequency, nominally 300kHz
The low-side MOSFET switching losses are negligible and
can be ignored for these calculations.
RMS Current and MOSFET Power Dissipation
Calculation
Under normal operation, the high-side MOSFETs RMS cur-
rent is greatest when V
IN is low (maximum duty cycle). The
low-side MOSFETs RMS current is greatest when V
IN is high
(minimum duty cycle). However, the maximum stress the
MOSFETs see occurs during short circuit conditions, where
the output current is equal to I
OVERCURRENT(max). (See the
“Sense Resistor” section). The calculations below are for
normal operation. To calculate the stress under short circuit
conditions, substitute I
OVERCURRENT(max) for IOUT(max). Use
the formula below to calculate D under short circuit condi-
tions.
D
0.063 1.8 10
V
SHORTCIRCUIT
3
IN
=
−
××
−
The RMS value of the high-side switch current is:
ID
I
I
12
SW(high side)(rms)
OUT(max)
2
PP
2
−
=×
+
⎛
⎝
⎜
⎞
⎠
⎟
I1 D I
I
12
SW(low side)(rms)
OUT(max)
2
PP
2
−
=
−
()
+
⎛
⎝
⎜
⎞
⎠
⎟
where:
D = duty cycle of the converter
D
V
V
OUT
IN
=
×
η
η = efficiency of the converter.
Converter efficiency depends on component parameters,
which have not yet been selected. For design purposes, an
efficiency of 90% can be used for V
IN less than 10V and 85%
can be used for V
IN greater than 10V. The efficiency can be
more accurately calculated once the design is complete. If the
assumed efficiency is grossly inaccurate, a second iteration
through the design procedure can be made.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com