Electronic Components Datasheet Search
  English  ▼

X  

MAX9016 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX9016
Description  SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9016 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX9016 Datasheet HTML 8Page - Maxim Integrated Products MAX9016 Datasheet HTML 9Page - Maxim Integrated Products MAX9016 Datasheet HTML 10Page - Maxim Integrated Products MAX9016 Datasheet HTML 11Page - Maxim Integrated Products MAX9016 Datasheet HTML 12Page - Maxim Integrated Products MAX9016 Datasheet HTML 13Page - Maxim Integrated Products MAX9016 Datasheet HTML 14Page - Maxim Integrated Products MAX9016 Datasheet HTML 15Page - Maxim Integrated Products MAX9016 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
6) Verify the trip voltages and hysteresis as follows:
VIN rising: = 2.992V, which is equivalent to REF
times R1 divided by the parallel combination of R1,
R2:
and R3.
VIN falling: = 2.942V:
Hysteresis = VTHR - VTHF = 50mV.
Additional Hysteresis
(MAX9016/MAX9018/MAX9020)
(Open-Drain Outputs)
The MAX9016/MAX9018/MAX9020 feature a built-in 4mV
hysteresis band. These devices have open-drain outputs
and require an external pullup resistor (Figure 3).
Additional hysteresis can be generated using positive
feedback, but the formulas differ slightly from those of
the MAX9015/MAX9017/MAX9019. Use the following
procedure to calculate resistor values:
1) Select R3. Input bias current at IN_+ is less than
2nA, so the current through R3 should be at least
0.2µA to minimize errors caused by input bias cur-
rent. The current through R3 at the trip point is
(VREF - VOUT)/R3. Considering the two possible out-
put states in solving for R3 yields two formulas: R3
= VREF/IR3 or R3 = [(VCC - VREF)/IR3] - R4. Use the
smaller of the two resulting resistor values. For
example, when using the MAX9018 (VREF = 1.24V)
and VCC = 5V, and if we choose IR3 = 0.2µA, and
R4 = 1M
Ω, then the two resistor values are 6.2MΩ
and 18M
Ω. Choose a 6.2MΩ standard value for R3.
2) Choose the hysteresis band required (VHB).
3) Calculate R1 according to the following equation.
For this example, insert the values:
4) Choose the trip point for VIN rising (VTHR) such that:
(VTHR is the trip point for VIN rising). This is the
threshold voltage at which the comparator switches
its output from low to high as VIN rises above the
trip point. For this example, choose 3V:
5) Calculate R2 as follows:
For this example, choose a 49.9k
Ω standard value.
6) Verify the trip voltages and hysteresis as follows:
Hysteresis = VTHR - VTHF = 50mV.
V
falling V
V
x R
RR
R
R
RR
xV
V
IN
THF
REF
CC
:
.
=


+ 


+ 




−
+
=
1
1
1
1
2
1
3
1
34
2 993
Vri
g V
V
x R
RR
R
V
IN
THR
REF
sin :
.
=


+ 


+ 




=
1
1
1
1
2
1
3
3 043
R
V
Vx
k
k
M
k
2
1
30
124
72
1
72
1
62
51 1
=
Ω


−
Ω


−
Ω


=Ω
.
..
.
R
V
Vx R
R
R
THR
REF
2
1
1
1
1
1
3
=


− 


− 


VV
V
V
THR
REF
HB
CC
>+


1
RM
M
mV
V
k
16 2
1
50
5
72
=Ω +
Ω 


=Ω
(.
)
RR
R
V
V
HB
CC
13
4
=+


()
VV
Rx V
R
THF
THR
CC
=− 


1
3
VV
x R
RR
R
THR
REF
=


+ 


+ 


1
1
1
1
2
1
3
SOT23, Dual, Precision, 1.8V, Nanopower
Comparators With/Without Reference
______________________________________________________________________________________
13
VEE
VCC
OUT
R3
R2
R1
R4
VREF
VIN
VCC
MAX9016
MAX9018
MAX9020
Figure 3. MAX9016/MAX9018/MAX9020 Additional Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com