Electronic Components Datasheet Search
  English  ▼

X  

DS9638CM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS9638CM
Description  RS-422 Dual High Speed Differential Line Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS9638CM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS9638CM Datasheet HTML 1Page - National Semiconductor (TI) DS9638CM Datasheet HTML 2Page - National Semiconductor (TI) DS9638CM Datasheet HTML 3Page - National Semiconductor (TI) DS9638CM Datasheet HTML 4Page - National Semiconductor (TI) DS9638CM Datasheet HTML 5Page - National Semiconductor (TI) DS9638CM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics
V
CC = 5.0V, TA = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PHL
Propagation Delay
C
L = 15 pF
10
20
ns
t
PLH
R
L = 100Ω, See Figure 2
10
20
ns
t
f
Fall Time, 90%–10%
10
20
ns
t
r
Rise Time, 10%–90%
10
20
ns
t
PO–tPO
Skew Between Outputs
1.0
ns
A/A and B/B
DC Test Circuit
DS009622-2
FIGURE 1. Equivalent Circuit
DS009622-3
FIGURE 2. Terminated Output Voltage and Output Balance
www.national.com
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com