Electronic Components Datasheet Search
  English  ▼

X  

2200596 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2200596
Description  Electronic housing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2200596 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2200596 Datasheet HTML 1Page - PHOENIX CONTACT 2200596 Datasheet HTML 2Page - PHOENIX CONTACT 2200596 Datasheet HTML 3Page - PHOENIX CONTACT 2200596 Datasheet HTML 4Page - PHOENIX CONTACT 2200596 Datasheet HTML 5Page - PHOENIX CONTACT 2200596 Datasheet HTML 6Page - PHOENIX CONTACT 2200596 Datasheet HTML 7Page - PHOENIX CONTACT 2200596 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
https://www.phoenixcontact.com/us/products/2200596
08/29/2016   Page 4 / 8
Electronic housing - ME MAX 35 LC 3-3 KMGY - 2200596
Accessories
Component housing - HS LC-H-D2/ R2XC10-2,54 - 2202319
Fiber optics can be used for the ME, ME-MAX, ME-IO, ME PLC, and EH housing ranges (housing must be processed),
Color: transparent
 
 
Necessary add-on products
Base strip - MCO 1,5/ 4-G1L-3,5 KMGY - 2278364
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 4, Pitch: 3.5 mm, Mounting: Soldering,
Article with lateral pin exit
 
 
Base strip - MCO 1,5/ 4-G1R-3,5 KMGY - 2278377
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 4, Pitch: 3.5 mm, Mounting: Soldering,
Article with lateral pin exit
 
 
Base strip - MSTBO 2,5/ 3-G1PL GY7035 - 2200328
Header, Nominal current: 16 A, Rated voltage (III/2): 320 V, Number of positions: 3, Pitch: 5 mm, Color: light gray,
Mounting: Soldering
 
 
Base strip - MSTBO 2,5/ 3-G1PR GY7035 - 2200329
Header, Nominal current: 16 A, Rated voltage (III/2): 320 V, Number of positions: 3, Pitch: 5 mm, Color: light gray,
Mounting: Soldering
 
 



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com