Electronic Components Datasheet Search
  English  ▼

X  

2200713 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2200713
Description  Electronic housing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2200713 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2200713 Datasheet HTML 1Page - PHOENIX CONTACT 2200713 Datasheet HTML 2Page - PHOENIX CONTACT 2200713 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/products/2200713
08/29/2016   Page 2 / 3
Electronic housing - ME 12,5 OT-MKDSO KMGY - 2200713
Classifications
eCl@ss
eCl@ss 6.0
27180802
eCl@ss 7.0
27182702
eCl@ss 8.0
27182702
eCl@ss 9.0
27182702
ETIM
ETIM 2.0
EC001031
ETIM 3.0
EC001031
ETIM 4.0
EC000886
ETIM 5.0
EC000886
UNSPSC
UNSPSC 6.01
31261501
UNSPSC 7.0901
31261501
UNSPSC 11
31261501
UNSPSC 12.01
31261501
UNSPSC 13.2
31261501
Accessories
Accessories
Components of electronic housing - ME B-12,5 MKDSO KMGY - 2201862
Filler plugs, for unoccupied terminal points
 
 
Necessary add-on products
Printed-circuit board connector - MKDSO 1,5/ 3-L-3,5 KMGY - 2278445
PCB terminal block, Nominal current: 8 A, Nom. voltage: 160 V, Pitch: 3.5 mm, Number of positions: 3, Connection
method: Screw connection with tension sleeve, Mounting: Wave soldering, Conductor/PCB connection direction: 0 °,
Article with lateral pin exit
 
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com