Electronic Components Datasheet Search
  English  ▼

X  

2N6609 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N6609
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6609 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N6609 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6609 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistor
2N6609
DESCRIPTION
·
Excellent Safe Operating Area
·
High DC Current Gain-hFE=15(Min)@IC = -8A
·
Low Saturation Voltage-
: VCE(sat)= -1.4V(Max)@ IC = -8A
·
Complement to Type 2N3773
APPLICATIONS
·
Designed for high power audio ,disk head positioners and
other linear applications, which can also be used in power
switching circuits such as relay or solenoid drivers, DC-DC
converters or inverters.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.17
℃
/W
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-160
V
VCEX
Collector-Emitter Voltage
-160
V
VCEO
Collector-Emitter Voltage
-140
V
VEBO
Emitter-Base Voltage
-7
V
IC
Collector Current-Continuous
-16
A
ICP
Collector Current-Peak
-30
A
IB
Base Current-Continuous
-4
A
IBP
Base Current-Peak
-15
A
PC
Collector Power Dissipation @TC=25℃
150
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-65~150
℃


Similar Part No. - 2N6609

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6609 MOSPEC-2N6609 Datasheet
143Kb / 3P
POWER TRANSISTORS(16A,140V,150W)
logo
ON Semiconductor
2N6609 ONSEMI-2N6609 Datasheet
205Kb / 6P
COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
logo
Boca Semiconductor Corp...
2N6609 BOCA-2N6609 Datasheet
148Kb / 3P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
2N6609 ONSEMI-2N6609 Datasheet
96Kb / 6P
Complementary Silicon Power Transistors
July, 2004 ??Rev. 10
2N6609 ONSEMI-2N6609 Datasheet
97Kb / 6P
Complementary Silicon Power Transistors
July, 2004 ??Rev. 10
More results

Similar Description - 2N6609

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1386 ISC-2SA1386 Datasheet
148Kb / 3P
isc Silicon PNP Power Transistor
MJE2901T ISC-MJE2901T Datasheet
101Kb / 2P
isc Silicon PNP Power Transistor
2SA671 ISC-2SA671 Datasheet
113Kb / 2P
isc Silicon PNP Power Transistor
2SB679 ISC-2SB679 Datasheet
79Kb / 2P
isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com