Electronic Components Datasheet Search
  English  ▼

X  

MPC9447 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MPC9447
Description  3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9447 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MPC9447 Datasheet HTML 2Page - Motorola, Inc MPC9447 Datasheet HTML 3Page - Motorola, Inc MPC9447 Datasheet HTML 4Page - Motorola, Inc MPC9447 Datasheet HTML 5Page - Motorola, Inc MPC9447 Datasheet HTML 6Page - Motorola, Inc MPC9447 Datasheet HTML 7Page - Motorola, Inc MPC9447 Datasheet HTML 8Page - Motorola, Inc MPC9447 Datasheet HTML 9Page - Motorola, Inc MPC9447 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MPC9447
MOTOROLA
TIMING SOLUTIONS
6
are reduced such that when the parallel combination is added
to the output buffer impedance the line impedance is
perfectly matched.
Figure 6. Optimized Dual Line Termination
17Ω
MPC9447
OUTPUT
BUFFER
RS =16Ω
ZO =50Ω
RS =16Ω
ZO =50Ω
17Ω +16Ω k 16Ω =50Ω k 50Ω
25Ω =25Ω
The Following Figures Illustrate the Measurement Reference for the MPC9447 Clock Driver Circuit
Figure 7. CCLK MPC9447 AC Test Reference for Vcc =3.3Vand Vcc =2.5V
Pulse
Generator
Z=50 Ω
RT =50 Ω
ZO =50 Ω
RT =50 Ω
ZO =50 Ω
MPC9447 DUT
VTT
VTT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com