Electronic Components Datasheet Search
  English  ▼

X  

NJD1718 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # NJD1718
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

NJD1718 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  NJD1718 Datasheet HTML 1Page - Inchange Semiconductor Company Limited NJD1718 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
NJD1718
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V (BR)CEO
Collector-Emitter Breakdown Voltage
IC=-10mA, IB=0
-50
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -1A; IB= -0.05A
-0.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -1A; IB= -0.05A
-1.2
V
VBE(on)
Base-Emitter On Voltage
IC= -1A ; VCE= -2V
-1.2
V
ICBO
Collector Cutoff Current
VCB= -50V; IE= 0
-100
nA
IEBO
Emitter Cutoff Current
VEB= -5V; IC=0
-100
nA
hFE
DC Current Gain
IC= -0.5A; VCE= -2V
70
240
IC= -1.5A; VCE= -2V
40
fT
Current-Gain—Bandwidth Product
IC= -0.5A ;VCE= -2V
80
MHZ
COB
Output Capacitance
IE=0;VCB=-10V;f= 0.1MHz
33
pF
Pulse Test: PW=300μs, Duty Cycle≤2.0%
Switching Times; Resistive Load
ton
Tur-on Time
IC= -1A; VCC= -30V;
55
ns
ts
Storage Time
320
ns
tf
Fall Time
40
ns



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com