Electronic Components Datasheet Search
  English  ▼

X  

MOC3063X Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MOC3063X
Description  OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MOC3063X Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MOC3063X Datasheet HTML 1Page - List of Unclassifed Manufacturers MOC3063X Datasheet HTML 2Page - List of Unclassifed Manufacturers MOC3063X Datasheet HTML 3Page - List of Unclassifed Manufacturers MOC3063X Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
20/09/02
DB91051m-AAS/A7
CHARACTERISTIC CURVES
Fig.1 Forward Current vs.
Fig.2 On-state Current vs. Ambient
Temperature
Fig.4 Forward Current vs. Forward
0
-40
60 C
40 C
20 C
Ambient Temperature
Fig.6 Holding Current vs.
Temperature
Fig.5 On-state Voltage vs. Ambient
Fig.3 Minimum Trigger Current
vs. Ambient Temperature
Ambient temperature Ta ( C)
Ambient Temperature Ta ( C)
Ambient temperature ( C)
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
0
20
40
60
80 100
60
0
0.4
1
2.0
0.01
20
40
60
80
100
20
1.0
100
20
0
10
o
o
o
Ambient Temperature
o
o
Voltage
3.0
10
100
8
6
4
2
50
40
30
20
10
100
1
o
80 C
o
100 C
0.05
0.10
VP= 6V
RL= 100
2.6
2.2
1.4
1.8
40
80
60
o
VP= 6V
0.8
1.2
1.6
o
80
60
40
o
0.1
120
-20
-40 -20
0
80
40
20
60
100 120
Forward voltage VF (V)
ITM= 100mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com