Electronic Components Datasheet Search
  English  ▼

X  

B0540WS Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # B0540WS
Description  SCHOTTKY BARRIER DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

B0540WS Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  B0540WS Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page:P1-P1
Plastic-Encapsulate Diodes
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
Low Forward Voltage Drop
Guard Ring Construction for Transient Protection
High Conductance
Also Available in Lead Free Version
MARKING: B0520WS: SD
B0530WS: SE
B0540WS: SF
Maximum Ratings @Ta=25
℃
Parameter
Symbol
B0520WS
B0530WS
B0540WS
Unit
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC blocking voltage
VRRM
VRWM
VR
20
30
40
V
RMS reverse voltage reverse voltage (DC)
VR(RMS)
14
21
28
V
Average rectified output current
Io
0.5
A
Forward current surge peak
IFSM
5.5
A
Power dissipation
PD
200
mW
Thermal resistance junction to ambient
RθJA
500
℃/W
Junction temperature
Tj
1
25
℃
Storage temperature
TSTG
-
55~+150
℃
Voltage rate of change
dv/dt
1000
V/μ
s
Electrical Characteristics @Ta=25
℃
Parameter
Symbol
B0520WS
B0530WS
B0540WS
Unit
Conditions
20
--
--
IR=250
μA
--
30
--
IR=500
μA
Minimum reverse b-
reakdown voltage
V(BR)
--
--
40
V
IR=20
μA
VF1
0.3
0.36
--
IF=0.1A
VF2
0.39
0.45
0.510
IF=0.5A
Forward voltage
VF3
--
--
0.62
V
IF=1A
IR1
75
--
--
VR=10V
Reverse current
IR2
--
80
--
μA
VR=15V
IR3
250
100
10
VR=20V
IR4
--
500
--
VR=30V
Reverse current
IR5
--
--
20
μA
VR=40V
Capacitance between terminals
CT
170
170
170
pF
VR=0,f=1MHz
SCHOTTKY BARRIER DIODE
SOD-323
-
+
B0520WS B0530WS B0540WS


Similar Part No. - B0540WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0540WS DIODES-B0540WS Datasheet
89Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30524 Rev. 5 - 2
logo
Weitron Technology
B0540WS WEITRON-B0540WS Datasheet
209Kb / 3P
Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
B0540WS DIODES-B0540WS Datasheet
115Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30524 Rev. 8 - 2
logo
Weitron Technology
B0540WS WEITRON-B0540WS Datasheet
1Mb / 3P
Surface Mount Schottky Barrier Diode
logo
Shenzhen Jin Yu Semicon...
B0540WS HTSEMI-B0540WS Datasheet
436Kb / 2P
SCHOTTKY BARRIER DIODE
More results

Similar Description - B0540WS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com