Electronic Components Datasheet Search
  English  ▼

X  

A44 Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # A44
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

A44 Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  A44 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. A44 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page:P2-P2
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
A44
Typical
Characteristics
10
1
10
100
1000
110
100
100
110
100
10
1
10
100
0.2
0.4
0.6
0.8
1.0
110
100
0
50
100
150
200
0
5
10
15
20
25
0
5
10
15
f=1MHz
I
E=0 / IC=0
T
a=25
℃
REVERSE VOLTAGE V (V)
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ib
C
ob
COLLECTOR CURRENT I
C
(mA)
V
CE=20V
T
a=25
℃
I
C
f
T
——
T
a=100
℃
COMMON EMITTER
V
CE= 10V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE
——
COLLECTOR CURRENT I
C
(A)
T
a=25
℃
T
a=100
℃
β=10
I
C
V
BEsat
——
3
1
30
10
1000
100
200
200
T
a=25
℃
T
a=100
℃
β=10
V
CEsat
——
I
C
COLLECTOR CURRENT I
C
(A)
200
COMMON
EMITTER
T
a=25
℃
80uA
72uA
64uA
56uA
48uA
40uA
32uA
24uA
16uA
I
B=8uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com