Electronic Components Datasheet Search
  English  ▼

X  

BAT54WS Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # BAT54WS
Description  Plastic-Encapsulate Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

BAT54WS Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  BAT54WS Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. BAT54WS Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Diodes
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
SCHOTTKY BARRIER DIODE
FEATURES
Low turn-on voltage.
Fast switching.
Ultra-small surface mount package.
PN junction guard ring for transient and ESD protection.
MARKING
L9
MAXIMUM RATING @ Ta=25
unless otherwise specified
Parameter
Symbol
Limits
Unit
Peak Repetitive reverse voltage
Working peak reverse voltage
DC reverse voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Average Rectified Output Current
IO
100
mA
Forward continuous Current
IF
200
mA
Repetitive peak Forward Current
IFRM
300
mA
Forward Surge Current
@t<1.0s
IFSM
600
mA
Power Dissipation
Pd
200
mW
Thermal resistance,junction to ambient air
RθjA
625
/W
Junction temperature
Tj
125
Storage temperature range
Tstg
-65-150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
V(BR)R
IR=100μA
30
V
Forward voltage
VF1
IF=0.1mA
240
mV
VF2
IF=1.0mA
320
mV
VF3
IF=10mA
400
mV
VF4
IF=30mA
500
mV
VF5
IF=100mA
1000
mV
Reverse leakage current
IR
VR=25V
2.0
μA
Reverse recovery time
trr
IF=10mA,IR=10mA
to 1mA RL=100Ω
5.0
ns
Junction capacitance
CJ
VR=1.0V,f=1.0MHz
10
pF
SOD-323
-
+
BAT54WS


Similar Part No. - BAT54WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54WS PANJIT-BAT54WS Datasheet
113Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Won-Top Electronics
BAT54WS WTE-BAT54WS Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
BAT54WS DIODES-BAT54WS Datasheet
64Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30098 Rev. 4 - 2
logo
General Semiconductor
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
logo
Diodes Incorporated
BAT54WS DIODES-BAT54WS Datasheet
85Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30098 Rev. 8 - 2
More results

Similar Description - BAT54WS

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
BAV19W HOTTECH-BAV19W Datasheet
350Kb / 2P
Plastic-Encapsulate Diodes
SD103AW HOTTECH-SD103AW Datasheet
160Kb / 2P
Plastic-Encapsulate Diodes
MMBZ52XXB HOTTECH-MMBZ52XXB Datasheet
416Kb / 3P
Plastic-Encapsulate Diodes
S2A HOTTECH-S2A Datasheet
304Kb / 2P
Plastic-Encapsulate Diodes
1SS184 HOTTECH-1SS184 Datasheet
201Kb / 2P
Plastic-Encapsulate Diodes
1SS196 HOTTECH-1SS196 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
B5817W HOTTECH-B5817W Datasheet
294Kb / 2P
Plastic-Encapsulate Diodes
1N4148WS HOTTECH-1N4148WS Datasheet
91Kb / 2P
Plastic-Encapsulate Diodes
logo
SHENZHEN SLS TECHNOLOGY...
1SS181 SHENZHENSLS-1SS181 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
B5819WS SHENZHENSLS-B5819WS Datasheet
297Kb / 1P
Plastic-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com