Electronic Components Datasheet Search
  English  ▼

X  

DSV14196WM Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DSV14196WM
Description  3.3V Supply EIA/TIA-232 5 Driver x 3 Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DSV14196WM Datasheet(HTML) 8 Page - National Semiconductor (TI)

  DSV14196WM Datasheet HTML 1Page - National Semiconductor (TI) DSV14196WM Datasheet HTML 2Page - National Semiconductor (TI) DSV14196WM Datasheet HTML 3Page - National Semiconductor (TI) DSV14196WM Datasheet HTML 4Page - National Semiconductor (TI) DSV14196WM Datasheet HTML 5Page - National Semiconductor (TI) DSV14196WM Datasheet HTML 6Page - National Semiconductor (TI) DSV14196WM Datasheet HTML 7Page - National Semiconductor (TI) DSV14196WM Datasheet HTML 8Page - National Semiconductor (TI) DSV14196WM Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Typical Performance Characteristics
Driver Output Slew Rate between +3V and −3V vs Load
Capacitance
Conditions: V
CC = 3.3V, RL = 5kΩ,TA = 25˚C, fIN = 64
kHz Square Wave
DS100853-8
Driver Output Voltage vs Frequency and C
L
Conditions: V
CC = 3.3V, RL = 5kΩ,TA = 25˚C
DS100853-9
Driver Output Current vs Output Voltage
DS100853-10
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com