Electronic Components Datasheet Search
  English  ▼

X  

NJM2574 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM2574
Description  LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2574 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJM2574 Datasheet HTML 2Page - New Japan Radio NJM2574 Datasheet HTML 3Page - New Japan Radio NJM2574 Datasheet HTML 4Page - New Japan Radio NJM2574 Datasheet HTML 5Page - New Japan Radio NJM2574 Datasheet HTML 6Page - New Japan Radio NJM2574 Datasheet HTML 7Page - New Japan Radio NJM2574 Datasheet HTML 8Page - New Japan Radio NJM2574 Datasheet HTML 9Page - New Japan Radio NJM2574 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
- 6 -
NJM2574
s
s
s
s TYPICAL CHARACTERISTICS
-32.0
-30.0
-28.0
-26.0
-24.0
-22.0
-20.0
-18.0
-16.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Low Pass Filter Characteristic 3 vs. Supply Voltage
(Clamp+LPF Type Input)
Supply Voltage V
+(V)
0.5Vpp, 23.5MHz/100kHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Differential Gain vs. Supply Voltage
Supply Voltage V
+(V)
0.5Vpp, 10step video signal input
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Differential Phase vs. Supply Voltage
Supply Voltage V
+(V)
0.5Vpp, 10step video signal input
40.0
50.0
60.0
70.0
80.0
90.0
100.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Signal to Noise Ratio vs. Supply Voltage
Supply Voltage V+(V)
0.5Vpp, 100% white video signal input, 100kHz-6MHz
-100.0
-90.0
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Second Harmonic Distortion vs. Supply Voltage
Supply Voltage V+(V)
0.5Vpp, 3.58MHz sinewave signal input
0.0
0.5
1.0
1.5
2.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Switching Voltage vs. Supply Voltage
VthH
VthL
Supply Voltage V
+(V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com