Electronic Components Datasheet Search
  English  ▼

X  

NJM2732 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM2732
Description  Full-Swing Input and Output type Dual Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2732 Datasheet(HTML) 6 Page - New Japan Radio

  NJM2732 Datasheet HTML 1Page - New Japan Radio NJM2732 Datasheet HTML 2Page - New Japan Radio NJM2732 Datasheet HTML 3Page - New Japan Radio NJM2732 Datasheet HTML 4Page - New Japan Radio NJM2732 Datasheet HTML 5Page - New Japan Radio NJM2732 Datasheet HTML 6Page - New Japan Radio NJM2732 Datasheet HTML 7Page - New Japan Radio NJM2732 Datasheet HTML 8Page - New Japan Radio NJM2732 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NJM2732
- 6 -
Ver.2004-01-19
■ TYPICAL CHARACTERISTICS
Voltage Gain/Phase vs. Frequency
(with Capacitive load)
-60
-40
-20
0
20
40
60
1.E+03 1.E+04 1.E+05 1.E+06 1.E+07 1.E+08
Frequency [Hz]
-180
-120
-60
0
60
120
180
Phase
Gain
CL=0pF
CL=220pF
CL=470pF
V
+/V-=±2.5V, G
V=40dB, RF=2kΩ,
RG=20Ω, RL=2kΩ, Ta=+25°C
1k
10k
100k
1M
10M
100M
Voltage Gain/Phase vs. Frequency
(correlation with Ta)
-60
-40
-20
0
20
40
60
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Frequency Hz]
-180
-120
-60
0
60
120
180
Phase
V
+/V-=±2.5V, G
V=40dB
RF=2kΩ, RG=20Ω, RL=2kΩ, CL=0pF
Gain
1k
10k
100k
1M
10M
100M
Ta=-40°C
Ta=+25°C
Ta=+85°C
Phase Margin vs. Load Capacitance
(with Capacitance Load)
0
10
20
30
40
50
60
70
80
90
10
100
1000
Load Capacitance [pF]
V
+/V-=±1.5V, G
V=40dB, RF=2kΩ
RG=20Ω, RL=2kΩ, Ta=+25°C
Voltage Gain vs. Frequency
(correlation with Ta)
-10
-8
-6
-4
-2
0
2
4
6
8
10
10
100
1000
10000
Frequency [Hz]
V
+/V-=±2.5V, G
V=0dB, CL=100pF
RS=50Ω, RL=2kΩ
Ta=25°C
Ta=-40°C
Ta=85°C
10k
100k
1M
10M
Voltage Gain vs. Frequency
(with Capacitance Load)
-10
-8
-6
-4
-2
0
2
4
6
8
10
10
100
1000
10000
Frequency [Hz]
V
+/V-=±2.5V, G
V=0dB
RS=50Ω, RL=2kΩ, Ta=+25°C
CL=0pF
CL=100pF
CL=220pF
CL=1000F
CL=470pF
CL=2200pF
10k
100k
1M
10M
Voltage Gain vs. Frequency
(correlation with Ta)
-10
-8
-6
-4
-2
0
2
4
6
8
10
10
100
1000
10000
Frequency [Hz]
Ta=25°C
Ta=-40°C
Ta=85°C
V
+/V-=±2.5V, G
V=0dB, CL=1000pF
RS=50Ω, RL=2kΩ,
10k
100k
1M
10M



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com