Electronic Components Datasheet Search
  English  ▼

X  

NJM2732D Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2732D
Description  Full-Swing Input and Output type Dual Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2732D Datasheet(HTML) 7 Page - New Japan Radio

  NJM2732D Datasheet HTML 1Page - New Japan Radio NJM2732D Datasheet HTML 2Page - New Japan Radio NJM2732D Datasheet HTML 3Page - New Japan Radio NJM2732D Datasheet HTML 4Page - New Japan Radio NJM2732D Datasheet HTML 5Page - New Japan Radio NJM2732D Datasheet HTML 6Page - New Japan Radio NJM2732D Datasheet HTML 7Page - New Japan Radio NJM2732D Datasheet HTML 8Page - New Japan Radio NJM2732D Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NJM2732
-7-
Ver.2004-01-19
■ TYPICAL CHARACTERISTICS
Pulse Response
-0.6
-0.2
0.2
0.6
1.0
1.4
1.8
-60
-40
-20
0
20
40
60
Time [µsec]
-1.8
-1.4
-1.0
-0.6
-0.2
0.2
0.6
V
+/V-=±2.5V, G
V=0dB, f=10kHz, VIN=1VPP
RS=50Ω, RL=2kΩ, CL=0pF, Ta=+25°C
INPUT
OUTPUT
Pulse Response (Rise)
-0.6
-0.2
0.2
0.6
1.0
1.4
1.8
-2
02468
Time [µsec]
-1.8
-1.4
-1.0
-0.6
-0.2
0.2
0.6
INPUT
OUTPUT
V
+/V-=±2.5V, G
V=0dB, f=10kHz, VIN=1VPP
RS=50Ω, RL=2kΩ, CL=0pF, Ta=+25°C
Pulse Response (Fall)
-0.6
-0.2
0.2
0.6
1.0
1.4
1.8
48
50
52
54
56
58
Time [µsec]
-1.8
-1.4
-1.0
-0.6
-0.2
0.2
0.6
INPUT
OUTPUT
V
+/V-=±2.5V, G
V=0dB, f=10kHz, VIN=1VPP
RS=50Ω, RL=2kΩ, CL=0pF, Ta=+25°C
Pulse Response
-0.6
-0.2
0.2
0.6
1.0
1.4
1.8
-60
-40
-20
0
20
40
60
Time [µsec]
-1.8
-1.4
-1.0
-0.6
-0.2
0.2
0.6
V
+/V-=±2.5V, G
V=0dB, f=10kHz, VIN=1VPP
RS=50Ω, RL=2kΩ, CL=1000pF, Ta=+25°C
INPUT
OUTPUT
Pulse Response (Rise)
-0.6
-0.2
0.2
0.6
1.0
1.4
1.8
-2
024
68
Time [µsec]
-1.8
-1.4
-1.0
-0.6
-0.2
0.2
0.6
INPUT
OUTPUT
V
+/V-=±2.5V, G
V=0dB, f=10kHz, VIN=1VPP
RS=50Ω, RL=2kΩ, CL=1000pF, Ta=+25°C
Pulse Response (Fall)
-0.6
-0.2
0.2
0.6
1.0
1.4
1.8
48
50
52
54
56
58
Time [µsec]
-1.8
-1.4
-1.0
-0.6
-0.2
0.2
0.6
INPUT
OUTPUT
V
+/V-=±2.5V, G
V=0dB, f=10kHz, VIN=1VPP
RS=50Ω, RL=2kΩ, CL=1000pF, Ta=+25°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com