Electronic Components Datasheet Search
  English  ▼

X  

0803137 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803137
Description  Label - EML (105X23)R
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803137 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803137 Datasheet HTML 1Page - PHOENIX CONTACT 0803137 Datasheet HTML 2Page - PHOENIX CONTACT 0803137 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/products/0803137
07/29/2016   Page 2 / 3
Label - EML (105X23)R - 0803137
Technical data
General
Printability
Thermal transfer
Device
5146477 THERMOMARK ROLL
5146723 THERMOMARK ROLL X1
5146231 THERMOMARK X1.2
Ink ribbon
5145384 THERMOMARK-RIBBON 110
0829544 THERMOMARK-RIBBON 110 BU
0829542 THERMOMARK-RIBBON 110 GN
0829543 THERMOMARK-RIBBON 110 RD
Test for substances that would hinder coating with paint or varnish
VW PV 3.10.7:2005-02
Result
Test passed
Test specification weathering-resistance
Following ISO 4892-2:2013-03
Test duration
96 h
Wipe resistance test result
Test passed
Salt spray test specification
DIN EN 60068-2-11:2000-02
Test duration
96 h
Salt spray testing result
Test passed
Alternating condensation climate with SO2 test specification
following DIN 50018:2013-05
Climate level
AHT 1.0 S
Cycles
2
Condensation test result
Test passed
Wipe resistance of test specification inscriptions
DIN EN 61010-1 (VDE 0411-1):2011-07
Result
Test passed
Foil strength
50 µm
Adhesive strength
20 µm
Marking mounting type
Adhesive
Standards and Regulations
Connection in acc. with standard
UL
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Classifications
eCl@ss
eCl@ss 4.1
24190219
eCl@ss 5.1
27141137
eCl@ss 6.0
27141137
eCl@ss 8.0
27149129
eCl@ss 9.0
27400629



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com