Electronic Components Datasheet Search
  English  ▼

X  

0803187 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803187
Description  Label - EML-RS (45,7X45,7)R SR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803187 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803187 Datasheet HTML 1Page - PHOENIX CONTACT 0803187 Datasheet HTML 2Page - PHOENIX CONTACT 0803187 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/0803187
07/29/2016   Page 1 / 3
Label - EML-RS (45,7X45,7)R SR - 0803187
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Label, roll, silver/glossy, unmarked, can be marked with: THERMOMARK ROLL, THERMOMARK X,
THERMOMARK S1.1, mounting type: adhered/inserted
Key Commercial Data
Packing unit
1 STK
Weight per Piece (excluding packing)
200.0 g
Custom tariff number
39207380
Country of origin
Germany
Technical data
Dimensions
Length (b)
45.7 mm
Width (a)
45.7 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 150 °C
General
Color
silver
Components
free from silicone and halogen
Material
Polyester
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
250
Number of individual labels per row
2
Marking mounting type
Adhered, inserted
Standards and Regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)


Similar Part No. - 0803187

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803186 PHOENIX-0803186 Datasheet
192Kb / 7P
EML-RM (70X50)R - Label, can be removed
More results

Similar Description - 0803187

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803387 PHOENIX-0803387 Datasheet
48Kb / 3P
Label - EML-RS (45,7X45,7)R
0801994 PHOENIX-0801994 Datasheet
50Kb / 4P
Label - EML (110XE)R SR
0802697 PHOENIX-0802697 Datasheet
49Kb / 3P
Label - EML (100X40)R SR
0803826 PHOENIX-0803826 Datasheet
50Kb / 2P
Label - US-EML-RS (45,7X45,7) SR
0803975 PHOENIX-0803975 Datasheet
52Kb / 2P
Label - MM-EML (EX12)R C1 SR/BK
0815596 PHOENIX-0815596 Datasheet
47Kb / 3P
Label - EML (110XE)R
0830483 PHOENIX-0830483 Datasheet
49Kb / 3P
Label - EML (50X10)R
1116113 PHOENIX-1116113 Datasheet
54Kb / 2P
Label - MM-EML (EX14)R C1 SR/BK
1054877 PHOENIX-1054877 Datasheet
54Kb / 2P
Label - EML-D (40X15)R SR
09/12/2020
1054879 PHOENIX-1054879 Datasheet
54Kb / 2P
Label - EML-D (60X30)R SR
09/12/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com