Electronic Components Datasheet Search
  English  ▼

X  

0803211 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803211
Description  Ink ribbon - TM-RIBBON 110-EX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803211 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803211 Datasheet HTML 1Page - PHOENIX CONTACT 0803211 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/0803211
07/29/2016   Page 1 / 2
Ink ribbon - TM-RIBBON 110-EX - 0803211
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Ink ribbon, Width: 110 mm, Color: black
Key Commercial Data
Packing unit
1 STK
Weight per Piece (excluding packing)
340.0 g
Custom tariff number
96121010
Country of origin
Japan
Technical data
Dimensions
Length (b)
280.00 m
Width (a)
110.00 mm
Ambient conditions
Recommended storage conditions
5 - 35°C / 30 - 80 % relative humidity. Storage in a cool and dry place in
the original packaging is recommended.
General
Color
black
Classifications
eCl@ss
eCl@ss 5.1
19029102
eCl@ss 6.0
27141137
eCl@ss 8.0
19149290
eCl@ss 9.0
19149290
ETIM
ETIM 4.0
EC001675


Similar Part No. - 0803211

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803224 PHOENIX-0803224 Datasheet
185Kb / 5P
UC-EMLP (22X22)-EX - Plastic label
0803225 PHOENIX-0803225 Datasheet
186Kb / 5P
UC-EMLP (27X18)-EX - Plastic label
0803226 PHOENIX-0803226 Datasheet
185Kb / 5P
UC-EMLP (27X27)-EX - Plastic label
0803227 PHOENIX-0803227 Datasheet
185Kb / 5P
UC-EMLP (49X15)-EX - Plastic label
0803228 PHOENIX-0803228 Datasheet
184Kb / 5P
UC-EMLP (60X30)-EX - Plastic label
More results

Similar Description - 0803211

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1014402 PHOENIX-1014402 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-TC/TR WH
1014403 PHOENIX-1014403 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-TC BK/RD
1014404 PHOENIX-1014404 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-TC BK/RD/YE
1014405 PHOENIX-1014405 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-TC BK/RD/BU/YE
0800687 PHOENIX-0800687 Datasheet
47Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110/50
09/11/2020
0801360 PHOENIX-0801360 Datasheet
48Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 64-WMSU
09/11/2020
0801384 PHOENIX-0801384 Datasheet
47Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110/50-TC
09/11/2020
5145397 PHOENIX-5145397 Datasheet
48Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110-WMS
09/12/2020
5145724 PHOENIX-5145724 Datasheet
48Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 64-WMSE
09/12/2020
5148007 PHOENIX-5148007 Datasheet
48Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110-WMTB HF
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com