Electronic Components Datasheet Search
  English  ▼

X  

0803328 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803328
Description  Magazine - TMP-UM-MAG5
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803328 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803328 Datasheet HTML 1Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
https://www.phoenixcontact.com/us/products/0803328
07/29/2016   Page 1 / 1
Magazine - TMP-UM-MAG5 - 0803328
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Magazine for the THERMOMARK CARD printer, for accommodating UM material (UM2-TM)
Key Commercial Data
Packing unit
1 STK
Weight per Piece (excluding packing)
400.0 g
Custom tariff number
84439990
Country of origin
Germany
Technical data
Product type
Magazine
Classifications
eCl@ss
eCl@ss 5.1
19029102
eCl@ss 6.0
27141137
eCl@ss 8.0
19140190
eCl@ss 9.0
19149290
ETIM
ETIM 5.0
EC001675
Phoenix Contact 2016 © - all rights reserved
http://www.phoenixcontact.com


Similar Part No. - 0803328

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803327 PHOENIX-0803327 Datasheet
174Kb / 4P
nullATOPMARK LASER EXTRACTION 120V - Cleaning set
0803329 PHOENIX-0803329 Datasheet
41Kb / 1P
Magazine - TMP-UM-MAG6
More results

Similar Description - 0803328

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
LY10-C1-1-10000 JAE-LY10-C1-1-10000 Datasheet
146Kb / 1P
MAGAZINE ASSEMBLY
IL-AG5-PC1-5000 JAE-IL-AG5-PC1-5000 Datasheet
96Kb / 1P
MAGAZINE ASSEMBLY
logo
PHOENIX CONTACT
0803329 PHOENIX-0803329 Datasheet
41Kb / 1P
Magazine - TMP-UM-MAG6
0803330 PHOENIX-0803330 Datasheet
41Kb / 1P
Magazine - TMP-UM-MAG7
0803331 PHOENIX-0803331 Datasheet
41Kb / 1P
Magazine - TMP-UM-MAG8
0803332 PHOENIX-0803332 Datasheet
42Kb / 1P
Magazine - TMP-UM-MAG9
0803334 PHOENIX-0803334 Datasheet
41Kb / 1P
Magazine - TMP-UM-MAG10
0803335 PHOENIX-0803335 Datasheet
42Kb / 1P
Magazine - BLUEMARK MAG UM-TM
0803681 PHOENIX-0803681 Datasheet
41Kb / 1P
Magazine - TMP-UM-MAG11
0803342 PHOENIX-0803342 Datasheet
47Kb / 2P
Magazine - TMP-UCT-MAG1
09/11/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com