Electronic Components Datasheet Search
  English  ▼

X  

0803682 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803682
Description  Label for rough surfaces - EML-HA (38,1X25,4)R /OS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803682 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803682 Datasheet HTML 1Page - PHOENIX CONTACT 0803682 Datasheet HTML 2Page - PHOENIX CONTACT 0803682 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/0803682
07/29/2016   Page 1 / 3
Label for rough surfaces - EML-HA (38,1X25,4)R /OS - 0803682
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Label for rough surfaces, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLL, THERMOMARK
ROLL X1, THERMOMARK X1.2, Mounting type: Adhesive, Lettering field: 38.1 x 25.4 mm
The figure shows a version of the
article
Key Commercial Data
Packing unit
1 STK
Weight per Piece (excluding packing)
340.0 g
Custom tariff number
39199000
Country of origin
Germany
Technical data
Dimensions
Length (b)
38.1 mm
Width (a)
25.4 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 150 °C
General
Color
white
Components
free from silicone and halogen
Material
Polyester
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
1000
Number of individual labels per row
1
Marking mounting type
Adhesive
Standards and Regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)


Similar Part No. - 0803682

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803681 PHOENIX-0803681 Datasheet
41Kb / 1P
Magazine - TMP-UM-MAG11
0803683 PHOENIX-0803683 Datasheet
197Kb / 7P
EML (24X4)R YE - Label
More results

Similar Description - 0803682

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0832080 PHOENIX-0832080 Datasheet
48Kb / 3P
Label for rough surfaces - EML-HA (50,8X17,8)R /OS
0830600 PHOENIX-0830600 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (15X9)R
0830604 PHOENIX-0830604 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (40X8)R
0830605 PHOENIX-0830605 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (40X15)R
0830606 PHOENIX-0830606 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (60X30)R
0830607 PHOENIX-0830607 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (70X32)R
0830608 PHOENIX-0830608 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (70X150)R
0830609 PHOENIX-0830609 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (76X51)R
0830730 PHOENIX-0830730 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (70X50)R
0830731 PHOENIX-0830731 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (100X73)R
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com