Electronic Components Datasheet Search
  English  ▼

X  

0804197 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0804197
Description  Label, highly flexible - EMLF (108XE)R BU
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804197 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0804197 Datasheet HTML 1Page - PHOENIX CONTACT 0804197 Datasheet HTML 2Page - PHOENIX CONTACT 0804197 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/products/0804197
07/29/2016   Page 2 / 3
Label, highly flexible - EMLF (108XE)R BU - 0804197
Technical data
Standards and Regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Classifications
eCl@ss
eCl@ss 4.0
24190219
eCl@ss 4.1
24190219
eCl@ss 5.0
27149103
eCl@ss 5.1
27141137
eCl@ss 6.0
27141137
eCl@ss 7.0
27141137
eCl@ss 8.0
27149129
eCl@ss 9.0
27400629
ETIM
ETIM 2.0
EC000761
ETIM 3.0
EC000761
ETIM 4.0
EC000761
ETIM 5.0
EC001288
UNSPSC
UNSPSC 6.01
30211811
UNSPSC 7.0901
39121410
UNSPSC 11
39121410
UNSPSC 12.01
39121410
UNSPSC 13.2
39121410
Accessories
Accessories
Ink ribbon
Ink ribbon - THERMOMARK-RIBBON 110 - 5145384
Ink ribbon, Length: 300 m, Width: 110 mm, Color: black
 
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com