Electronic Components Datasheet Search
  English  ▼

X  

0804198 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804198
Description  Label, highly flexible - EMLF (108XE)R RD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804198 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804198 Datasheet HTML 1Page - PHOENIX CONTACT 0804198 Datasheet HTML 2Page - PHOENIX CONTACT 0804198 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/0804198
07/29/2016   Page 1 / 3
Label, highly flexible - EMLF (108XE)R RD - 0804198
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Label, highly flexible, Roll, red, unlabeled, can be labeled with: THERMOMARK ROLL, THERMOMARK ROLL
X1, THERMOMARK X1.2, Mounting type: Adhesive, Lettering field: 108 x 48000 mm
Why buy this product
■ Labeling service: Phoenix Contact can custom-label all EMLF ... markers according to your requirements
■ Extremely high-quality appearance
■ Outdoor-durable for up to eight years when subject to a temperature range of -50°C to +110°C
■ Outdoor-durable for up to eight years when subject to a temperature range of -50°C to +110°C
Key Commercial Data
Packing unit
1 STK
Weight per Piece (excluding packing)
1220.0 g
Custom tariff number
39199000
Country of origin
Germany
Technical data
Dimensions
Length (b)
48000 mm
Width (a)
108 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 90 °C
General
Color
red
Components
Silicone-free
Material
PVC
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
1
Number of individual labels per row
1
Marking mounting type
Adhesive


Similar Part No. - 0804198

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804195 PHOENIX-0804195 Datasheet
57Kb / 3P
The EML-RM label is ideal for temporary marking.
0804197 PHOENIX-0804197 Datasheet
47Kb / 3P
Label, highly flexible - EMLF (108XE)R BU
0804199 PHOENIX-0804199 Datasheet
47Kb / 3P
Label, highly flexible - EMLF (108XE)R OG
More results

Similar Description - 0804198

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804197 PHOENIX-0804197 Datasheet
47Kb / 3P
Label, highly flexible - EMLF (108XE)R BU
0804199 PHOENIX-0804199 Datasheet
47Kb / 3P
Label, highly flexible - EMLF (108XE)R OG
0803937 PHOENIX-0803937 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX10)R C1 WH/BK
0803939 PHOENIX-0803939 Datasheet
52Kb / 2P
Label, highly flexible - MM-EMLF (EX18)R C1 WH/BK
0803940 PHOENIX-0803940 Datasheet
52Kb / 2P
Label, highly flexible - MM-EMLF (EX24)R C1 WH/BK
0803941 PHOENIX-0803941 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX10)R C1 YE/BK
0803942 PHOENIX-0803942 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX12)R C1 YE/BK
0803943 PHOENIX-0803943 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX18)R C1 YE/BK
0803958 PHOENIX-0803958 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX24)R C1 OG/BK
0815703 PHOENIX-0815703 Datasheet
47Kb / 3P
Label - EML (26,5X17,5)R RD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com