Electronic Components Datasheet Search
  English  ▼

X  

0914743 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0914743
Description  Thermomagnetic device circuit breaker - TMC 2 F1 120 0,3A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0914743 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0914743 Datasheet HTML 1Page - PHOENIX CONTACT 0914743 Datasheet HTML 2Page - PHOENIX CONTACT 0914743 Datasheet HTML 3Page - PHOENIX CONTACT 0914743 Datasheet HTML 4Page - PHOENIX CONTACT 0914743 Datasheet HTML 5Page - PHOENIX CONTACT 0914743 Datasheet HTML 6Page - PHOENIX CONTACT 0914743 Datasheet HTML 7Page - PHOENIX CONTACT 0914743 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
https://www.phoenixcontact.com/us/products/0914743
08/01/2016   Page 3 / 8
Thermomagnetic device circuit breaker - TMC 2 F1 120 0,3A - 0914743
Technical data
Connection data
2 conductors with same cross section, stranded max.
0.75 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, min.
0.25 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, max.
1 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, max.
2.5 mm²
Connection method
Screw connection
Stripping length
12 mm
Internal cylindrical gage
A3
Screw thread
M3
Tightening torque, min
0.6 Nm
Tightening torque max
0.8 Nm
Standards and Regulations
Standards/specifications
EN 60934
UL 1077
Drawings
Diagram
Classifications
eCl@ss
eCl@ss 4.0
27141116
eCl@ss 4.1
27141116
eCl@ss 5.0
27141116
eCl@ss 5.1
27141116
eCl@ss 6.0
27141116
eCl@ss 7.0
27141116
eCl@ss 8.0
27141116
eCl@ss 9.0
27141116
ETIM
ETIM 2.0
EC000899
ETIM 3.0
EC000899



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com