Electronic Components Datasheet Search
  English  ▼

X  

NUD3105D Datasheet(PDF) 2 Page - ON Semiconductor

Part # NUD3105D
Description  Integrated Relay, Inductive Load Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUD3105D Datasheet(HTML) 2 Page - ON Semiconductor

  NUD3105D Datasheet HTML 1Page - ON Semiconductor NUD3105D Datasheet HTML 2Page - ON Semiconductor NUD3105D Datasheet HTML 3Page - ON Semiconductor NUD3105D Datasheet HTML 4Page - ON Semiconductor NUD3105D Datasheet HTML 5Page - ON Semiconductor NUD3105D Datasheet HTML 6Page - ON Semiconductor NUD3105D Datasheet HTML 7Page - ON Semiconductor NUD3105D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NUD3105D
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise specified)
Symbol
Rating
Value
Unit
VDSS
Drain to Source Voltage − Continuous
6.0
Vdc
VGS
Gate to Source Voltage – Continuous
6.0
Vdc
ID
Drain Current – Continuous
500
mA
Ez
Single Pulse Drain−to−Source Avalanche Energy (
TJinitial = 25°C)
50
mJ
TJ
Junction Temperature
150
°C
TA
Operating Ambient Temperature
−40 to 85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
PD
Total Power Dissipation (Note 1)
Derating Above 25
°C
380
1.5
mW
mW/
°C
RqJA
Thermal Resistance Junction−to−Ambient
329
°C/W
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. This device contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL_STD−883, Method 3015.
Machine Model Method 200 V.
TYPICAL ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Symbol
Characteristic
Min
Typ
Max
Unit
OFF CHARACTERISTICS
VBRDSS
Drain to Source Sustaining Voltage (Internally Clamped)
(ID = 10 mA)
6.0
8.0
9.0
V
BVGSO
Ig = 1.0 mA
−
−
8.0
V
IDSS
Drain to Source Leakage Current
(VDS = 5.5 V , VGS = 0 V, TJ = 25°C)
(VDS = 5.5 V, VGS = 0 V, TJ = 85°C )
−
−
−
−
15
15
mA
IGSS
Gate Body Leakage Current
(VGS = 3.0 V, VDS = 0 V)
(VGS = 5.0 V, VDS = 0 V)
5.0
−
−
−
35
65
mA
ON CHARACTERISTICS
VGS(th)
Gate Threshold Voltage
(VGS = VDS, ID = 1.0 mA)
(VGS = VDS, ID = 1.0 mA, TJ = 85°C)
0.8
0.8
1.2
−
1.4
1.4
V
RDS(on)
Drain to Source On−Resistance
(ID = 250 mA, VGS = 3.0 V)
(ID = 500 mA, VGS = 3.0 V)
(ID = 500 mA, VGS = 5.0 V)
(ID = 500 mA, VGS = 3.0 V, TJ = 85°C)
(ID = 500 mA, VGS = 5.0 V, TJ = 85°C)
−
−
−
−
−
−
−
−
−
−
1.2
1.3
0.9
1.3
0.9
W
IDS(on)
Output Continuous Current
(VDS = 0.25 V, VGS = 3.0 V)
(VDS = 0.25 V, VGS = 3.0 V, TJ = 85°C)
300
200
400
−
−
−
mA
gFS
Forward Transconductance
(VOUT = 5.0 V, IOUT = 0.25 A)
350
570
−
mmhos



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com