Electronic Components Datasheet Search
  English  ▼

X  

OC-260 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OC-260
Description  Oven Controlled Crystal Oscillators (OCXO?셲)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OC-260 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OC-260 Datasheet HTML 1Page - List of Unclassifed Manufacturers OC-260 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4
3
(1.01)
12.1!
(.480)
STANDOFFS
(4 PLACES)
0.25
(.010)
13.20
(.52)
2.8
(.11)
.8
(.031)
Dia
5 Places
mm
(in.)
19.05 .254
(.750 .010)
max.
25.7
(1.01)
.65
(.025)
.254
(.750 .010)
Oven Controlled Crystal Oscillators (OCXO’s)
OC-260 Series (CO-760)
Outline Drawing
Pin
Function
1
Output
2
GND, Case
3
Electrical Frequency Adjustment Input
or N/C*
4
N/C or Reference Voltage Output*
5
Supply Voltage
Pin numbers are for reference only,
and may not appear on unit.
OC
Temperature Stability*
B-107 = ±1x10-7 over 0°C to +50°C
B-208 = ±2x10-8 over 0°C to +50°C
D-107 = ±1x10-7 over -20°C to +70°C
D-408 = ±4x10-8 over -20°C to +70°C
F-207 = ±2x10-7 over -40°C to +85°C
F-107 = ±1x10-7 over -40°C to +85°C
*Other stability options are available upon request
Frequency
1 - 80 MHz
260
A
C
D
107
C
20
Product Family
OC = OCXO
Package
260 = 25.7x25.7 mm
Thru-hole
Supply Voltage
C = 5.0V ±5%
D = 3.3V ±5%
Output
A = HCMOS (100K // 10 pF Load)
J = Sinewave +7 dBm/50 ohm
(5.0V supply only)
MHz
Aging
A = 1 x 10-8/day, 2 x 10-6/year
B = 3 x 10-9/day, 1 x 10-6/year
C = 1 x 10-9/day, 3 x 10-7/year
Ordering Information
Pin Out Information
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
Electrical Frequency Adjust
10 x 10-6 typical range (with Aging A or B)
2 x 10-6 typical range (with Aging C)
A
43
OCXO
8798_AA's Vectron
05/30/02
3:11 PM
Page 43
* custom part number to be assigned



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com