Electronic Components Datasheet Search
  English  ▼

X  

OPA842 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA842
Description  Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA842 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA842 Datasheet HTML 9Page - Texas Instruments OPA842 Datasheet HTML 10Page - Texas Instruments OPA842 Datasheet HTML 11Page - Texas Instruments OPA842 Datasheet HTML 12Page - Texas Instruments OPA842 Datasheet HTML 13Page - Texas Instruments OPA842 Datasheet HTML 14Page - Texas Instruments OPA842 Datasheet HTML 15Page - Texas Instruments OPA842 Datasheet HTML 16Page - Texas Instruments OPA842 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
OPA842
13
SBOS267A
www.ti.com
DESIGN-IN TOOLS
DEMONSTRATION BOARDS
Two PC boards are available to assist in the initial evaluation
of circuit performance using the OPA842 in its two package
styles. Both of these are available, free, as an unpopulated PC
board delivered with descriptive documentation. The summary
information for these boards is shown in the table below.
and parasitic capacitance considerations. For a noninverting
unity-gain follower application, the feedback connection should
be made with a 25
Ω resistor—not a direct short. This will
isolate the inverting input capacitance from the output pin
and improve the frequency response flatness. Usually, the
feedback resistor value should be between 200
Ω and 1kΩ.
Below 200
Ω, the feedback network will present additional
output loading which can degrade the harmonic distortion
performance of the OPA842. Above 1k
Ω, the typical parasitic
capacitance (approximately 0.2pF) across the feedback re-
sistor may cause unintentional band limiting in the amplifier
response.
A good rule of thumb is to target the parallel combination of RF
and RG (see Figure 1) to be less than about 200Ω. The
combined impedance RF || RG interacts with the inverting input
capacitance, placing an additional pole in the feedback net-
work, and thus a zero in the forward response. Assuming a 2pF
total parasitic on the inverting node, holding RF || RG < 200Ω
will keep this pole above 400MHz. By itself, this constraint
implies that the feedback resistor RF can increase to several
k
Ω at high gains. This is acceptable as long as the pole formed
by RF and any parasitic capacitance appearing in parallel is
kept out of the frequency range of interest.
In the inverting configuration, an additional design consider-
ation must be noted. RG becomes the input resistor and
therefore the load impedance to the driving source. If imped-
ance matching is desired, RG may be set equal to the
required termination value. However, at low inverting gains,
the resultant feedback resistor value can present a signifi-
cant load to the amplifier output. For example, an inverting
gain of 2 with a 50
Ω input matching resistor (= R
G) would
require a 100
Ω feedback resistor, which would contribute to
output loading in parallel with the external load. In such a
case, it would be preferable to increase both the RF and RG
values, and then achieve the input matching impedance with
a third resistor to ground (see Figure 2). The total input
impedance becomes the parallel combination of RG and the
additional shunt resistor.
BANDWIDTH vs GAIN
Voltage-feedback op amps exhibit decreasing closed-loop
bandwidth as the signal gain is increased. In theory, this
relationship is described by the GBP shown in the specifica-
tions. Ideally, dividing GBP by the noninverting signal gain
(also called the Noise Gain, or NG) will predict the closed-
loop bandwidth. In practice, this only holds true when the
phase margin approaches 90
°, as it does in high-gain con-
figurations. At low signal gains, most amplifiers will exhibit a
more complex response with lower phase margin. The
OPA842 is optimized to give a maximally flat 2nd-order
Butterworth response in a gain of 2. In this configuration, the
OPA842 has approximately 60
° of phase margin and will
show a typical –3dB bandwidth of 150MHz. When the phase
margin is 60
°, the closed-loop bandwidth is approximately √2
greater than the value predicted by dividing GBP by the noise
gain. Increasing the gain will cause the phase margin to
approach 90
° and the bandwidth to more closely approach
the predicted value of (GBP/NG). At a gain of +10, the
FIGURE 6. 5MHz Butterwoth Low-Pass Active Filter.
OPA842
+5V
–5V
R
2
505
Ω
C
1
150pF
R
1
124
Ω
V
O
V
1
R
G
402
Ω
R
F
402
Ω
C
2
100pF
Power-supply
decoupling not shown.
Go to the TI web site (www.ti.com) to request evaluation
boards in the OPA842 product folder.
MACROMODELS AND APPLICATIONS SUPPORT
Computer simulation of circuit performance using SPICE is
often a quick way to analyze the performance of the OPA842
and its circuit designs. This is particularly true for video and RF
amplifier circuits where parasitic capacitance and inductance
can play a major role on circuit performance. A SPICE model
for the OPA842 is available through the TI web page
(www.ti.com). The applications department is also available
for design assistance. These models predict typical small-
signal AC, transient steps, DC performance, and noise under
a wide variety of operating conditions. The models include the
noise terms found in the electrical specifications of the data
sheet. These models do not attempt to distinguish between
the package types in their small-signal AC performance.
OPERATING SUGGESTIONS
OPTIMIZING RESISTOR VALUES
Since the OPA842 is a unity-gain stable, voltage-feedback
op amp, a wide range of resistor values may be used for the
feedback and gain setting resistors. The primary limits on
these values are set by dynamic range (noise and distortion)
LITERATURE
BOARD
REQUEST
PRODUCT
PACKAGE
PART NUMBER
NUMBER
OPA842ID
SO-8
DEM-OPA68xU
SBOU010
OPA842IDBV
SOT23-5
DEM-OPA6xxN
SBOU009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com