Electronic Components Datasheet Search
  English  ▼

X  

OPA2846ID Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2846ID
Description  Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2846ID Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA2846ID Datasheet HTML 16Page - Texas Instruments OPA2846ID Datasheet HTML 17Page - Texas Instruments OPA2846ID Datasheet HTML 18Page - Texas Instruments OPA2846ID Datasheet HTML 19Page - Texas Instruments OPA2846ID Datasheet HTML 20Page - Texas Instruments OPA2846ID Datasheet HTML 21Page - Texas Instruments OPA2846ID Datasheet HTML 22Page - Texas Instruments OPA2846ID Datasheet HTML 23Page - Texas Instruments OPA2846ID Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
OPA2846
SBOS274A −JUNE 2003 − REVISED MARCH 2004
www.ti.com
21
Figure 13 shows one example of an offset adjustment for
a DC-coupled signal path that will have minimum impact
on the signal frequency response. In this case, the input is
brought into an inverting gain resistor with the DC
adjustment an additional current summed into the
inverting node. The resistor values setting this offset
adjustment are much larger than the signal path resistors.
This will insure that this adjustment has minimal impact on
the loop gain and hence, the frequency response as well.
RF
1k
Ω
±200mV Output Adjustment
=
−
=
−20
Power−supply decoupling
not shown.
5k
Ω
5k
Ω
48
Ω
0.1
µF
RG
50
Ω
V
I
20k
Ω
10k
Ω
0.1
µF
−5V
+5V
1/2
OPA2846
+5V
−5V
V
O
V
O
V
I
R
F
R
G
Figure 13. DC-Coupled, Inverting Gain of −20,
with Output Offset Adjustment
THERMAL ANALYSIS
The OPA2846 will not require heatsinking or airflow in
most applications. Maximum desired junction temperature
will set the maximum allowed internal power dissipation as
described below. In no case should the maximum junction
temperature be allowed to exceed +150
°C.
Operating
junction
temperature
(TJ) is given by
TA +PD × qJA. The total internal power dissipation (PD) is
the sum of quiescent power (PDQ) and additional power
dissipated in the output stage (PDL) to deliver load power.
Quiescent power is simply the specified no-load supply
current times the total supply voltage across the part. PDL
will depend on the required output signal and load but
would, for a grounded resistive load, be at a maximum
when the output is fixed at a voltage equal to 1/2 either
supply voltage (for equal bipolar supplies). Under this
worst-case condition, PDL = VS2/(4 × RL) where RL
includes feedback network loading.
Note that it is the power in the output stage and not in the
load that determines internal power dissipation.
As a worst-case example, compute the maximum TJ using
both channels of the OPA2846ID in the circuit of Figure 1
(page 12) operating at the maximum specified ambient
temperature of +85
°C and driving a grounded 100Ω load
at +2.5VDC:
PD = 10V × (26.6mA) + 2 × [52/(4 × (100Ω || 500Ω))] = 416mW
Maximum TJ = +85°C + (0.416Ω × 125°C/Ω) = 137°C
This
absolute
worst-case
example
will
never
be
encountered in practice. Therefore, 137
°C sets an upper
limit to maximum operating junction temperature.
BOARD LAYOUT
Achieving optimum performance with a high-frequency
amplifier like the OPA2846 requires careful attention to
board layout parasitics and external component types.
Recommendations that will optimize performance include:
a) Minimize parasitic capacitance to any AC ground for
all of the signal I/O pins. Parasitic capacitance on the
output and inverting input pins can cause instability; on the
noninverting input, it can react with the source impedance
to cause unintentional bandlimiting. To reduce unwanted
capacitance, a window around the signal I/O pins should
be opened in all of the ground and power planes around
those pins. Otherwise, ground and power planes should
be unbroken elsewhere on the board.
b)
Minimize
the
distance
(<
0.25”)
from
the
power-supply pins to high-frequency 0.1
µF decoup-
ling capacitors. At the device pins, the ground and
power-plane layout should not be in close proximity to the
signal I/O pins. Avoid narrow power and ground traces to
minimize inductance between the pins and the decoupling
capacitors. The power-supply connections should always
be decoupled with these capacitors. Larger (2.2
µF to
6.8
µF) decoupling capacitors, effective at lower frequen-
cies, should also be used on the main supply pins. These
may be placed somewhat farther from the device and may
be shared among several devices in the same area of the
PC board.
c) Careful selection and placement of external
components
will
preserve
the
high-frequency
performance of the OPA2846. Resistors should be a very
low reactance type. Surface-mount resistors work best
and allow a tighter overall layout. Metal-film and carbon
composition, axially-leaded resistors can also provide
good high-frequency performance. Again, keep their leads
and PC board trace length as short as possible. Never use
wirewound type resistors in a high-frequency application.
Since the output pin and inverting input pin are the most
sensitive to parasitic capacitance, always position the
feedback and series output resistor, if any, as close as
possible to the output pin. Other network components,
such as noninverting input termination resistors, should
also be placed close to the package. Where double-side
component mounting is allowed, place the feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com