Electronic Components Datasheet Search
  English  ▼

X  

CJ2045 Datasheet(PDF) 2 Page - ZP Semiconductor

Part # CJ2045
Description  SOT-23-6LPlastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJ2045 Datasheet(HTML) 2 Page - ZP Semiconductor

  CJ2045 Datasheet HTML 1Page - ZP Semiconductor CJ2045 Datasheet HTML 2Page - ZP Semiconductor CJ2045 Datasheet HTML 3Page - ZP Semiconductor CJ2045 Datasheet HTML 4Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Tr1 NPN ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100μA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO*
IC=10mA, IB=0
30
V
Collector-emitter breakdown voltage
V(BR)CEX
IC=1μA, VBE(off)=-0.5V
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA, IC=0
7
V
Collector cut-off current
ICBO
VCB=32V, IE=0
20
nA
Collector cut-off current
ICER
VCE=16V, R≤1kΩ
20
nA
Emitter cut-off current
IEBO
VEB=6V, IC=0
20
nA
DC current gain
hFE*
VCE=2V, IC=100mA
180
500
Collector-emitter saturation voltage
VCE(sat)*
0.375
V
Base-emitter saturation voltage
VBE(sat)*
IC=750mA, IB=15mA
1.2
V
Tr2 PNP ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Uni
t
Collector-base breakdown voltage
V(BR)CBO
IC=-100μA, IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO*
IC=-10mA, IB=0
-30
V
Collector-emitter breakdown voltage
V(BR)CEX
IC=-1μA, VBE(off)=0.5V
-40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100μA, IC=0
-7
V
Collector cut-off current
ICBO
VCB=-32V, IE=0
-20
nA
Collector cut-off current
ICER
VCE=-16V, R≤1kΩ
-20
nA
Emitter cut-off current
IEBO
VEB=-6V, IC=0
-20
nA
DC current gain
hFE*
VCE=-2V, IC=-100mA
180
500
Collector-emitter saturation voltage
VCE(sat)*
-0.375
V
Base-emitter saturation voltage
VBE(sat)*
IC=-750mA, IB=-15mA
-1.2
V
*Pulse Test : Pulse Width≤300µs, Duty Cycle≤2%.
2 of 4
sales@zpsemi.com
www.zpsemi.com
CJ2045



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com