Electronic Components Datasheet Search
  English  ▼

X  

RTP21028-20 Datasheet(PDF) 4 Page - RFHIC

Part # RTP21028-20
Description  GaN Power Amp Pallet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RTP21028-20 Datasheet(HTML) 4 Page - RFHIC

  RTP21028-20 Datasheet HTML 1Page - RFHIC RTP21028-20 Datasheet HTML 2Page - RFHIC RTP21028-20 Datasheet HTML 3Page - RFHIC RTP21028-20 Datasheet HTML 4Page - RFHIC RTP21028-20 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GaN Power Amp Pallet
RTP21028-20
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
4 / 5
Version 1.0
Outline Drawing
* Unit: mm | Tolerance: ±0.2
Note
Connector positions and module mount holes may be subjected change.
Interface Connector
7 Pin-Control (SMAW250-07)
Pin No
Description
Specification
1
Temp Monitor
Reporting Temperature data [0.75V/25℃(10mV/℃)]
2
Enable / Disable
Amp Enable(+5.0V) / Amp Disable(0V)
3
VPD
+5.6 V (Pre-Drive and Drive stage and bias voltage)
4
GND
Ground
5
GND
Ground
6
VDD
+48 V (PA Drain Supply)
7
VDD
+48 V (PA Drain Supply)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com