Electronic Components Datasheet Search
  English  ▼

X  

MMDT2907A Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # MMDT2907A
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

MMDT2907A Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  MMDT2907A Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. MMDT2907A Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
Complementary PNP Type available MMDT29
MARKING: K2F
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
-60
V
Collector-Emitter Voltage
V
CEO
-60
V
Emitter-Base Voltage
V
EBO
-5
V
Collector Current -Continuous
I
C
-600
Collector Power Dissipation
I
C
200
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Collector-base breakdown voltage
VCBO
IC= -10
μA, IE=0
-60
V
Collector-emitter breakdown voltage
VCEO
IC= -10mA, IB=0
-60
V
Emitter-base breakdown voltage
VEBO
IE=-10
μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50V, IE=0
-10
nA
Collector cut-off current
ICEX
VCE=-30V,VEB(Off)=-0.5V
-50
nA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-10
nA
DC current gain
hFE(1)
VCE=-10V, IC= -0.1mA
75
hFE(2)
VCE=-10V, IC= -1mA
100
hFE(3)
VCE=-10V, IC=-10mA
100
hFE(4)
VCE=-10V, IC= -150mA
100
300
hFE(5)
VCE=-10V, IC=-500mA
50
Collector-emitter saturation voltage
VCE(sat)1
IC=-150mA, IB=-15mA
-0.4
V
VCE(sat)2
IC=-500mA, IB=- 50mA
-1.6
V
Base-emitter saturation voltage
VBE(sat)1
IC=-150mA, IB=-15mA
-1.3
V
VBE(sat)2
IC=-500mA, IB= -50mA
-2.6
V
Transition frequency
fT
VCE=-20V, IC= -50mA,
f=100MHz
200
MHz
Output Capacitance
Cob
VCB=-10V, IE= 0,
f=1MHz
8
pF
Input Capacitance
Cib
VEB=-2V, IC= 0,
f=1MHz
30
pF
Delay time
td
VCC=-30V,IC=-150mA, IB1=-15mA
10
nS
Rise time
tr
40
nS
Storage time
tS
VCC=-6V, IC=-150mA,
IB1= IB2= -15mA
225
nS
Fall time
tf
60
nS
MMDT2907A(PNP)
222A
E
2
B
2
C
1
C
2
B
1
E
1
SOT-363
mW
mA


Similar Part No. - MMDT2907A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT2907A DIODES-MMDT2907A Datasheet
53Kb / 4P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30122 Rev. B-2
MMDT2907A DIODES-MMDT2907A Datasheet
54Kb / 3P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30109 Rev. 4 - 2
MMDT2907A DIODES-MMDT2907A Datasheet
128Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30109 Rev. 10 - 2
logo
Galaxy Semi-Conductor H...
MMDT2907A BILIN-MMDT2907A Datasheet
165Kb / 3P
Dual NPN Small Signal Surface Mount Transistor
Rev.A
logo
Diodes Incorporated
MMDT2907A DIODES-MMDT2907A Datasheet
201Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30109 Rev. 13 - 2
More results

Similar Description - MMDT2907A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com