Electronic Components Datasheet Search
  English  ▼

X  

PCA9510 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9510
Description  Hot swappable I2C and SMBus bus buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9510 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9510 Datasheet HTML 1Page - NXP Semiconductors PCA9510 Datasheet HTML 2Page - NXP Semiconductors PCA9510 Datasheet HTML 3Page - NXP Semiconductors PCA9510 Datasheet HTML 4Page - NXP Semiconductors PCA9510 Datasheet HTML 5Page - NXP Semiconductors PCA9510 Datasheet HTML 6Page - NXP Semiconductors PCA9510 Datasheet HTML 7Page - NXP Semiconductors PCA9510 Datasheet HTML 8Page - NXP Semiconductors PCA9510 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Philips Semiconductors
Product data sheet
PCA9510; PCA9511
Hot swappable I2C and SMBus bus buffer
2004 Oct 05
3
PIN CONFIGURATION
1
2
3
4
ENABLE
GND
SCLIN
SDAOUT
SDAIN
READY
5
6
7
8
VCC
SCLOUT
SW01045
TOP VIEW
Figure 1. Pin configuration.
PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
ENABLE
Chip enable pin. Grounding this pin puts the
part in a low current (<1
µA) mode. It also
disables the rise time accelerators, isolates
SDAIN from SDAOUT and isolates SCLIN
from SCLOUT.
2
SCLOUT
Serial clock output to and from the SCL bus
on the card.
3
SCLIN
Serial clock input to and from the SCL bus
on the backplane.
4
GND
Ground. Connect this pin to a ground plane
for best results.
5
READY
This is an open-drain output which pulls
LOW when SDAIN and SCLIN are
disconnected from SDAOUT and SCLOUT,
and turns off when the two sides are
connected.
6
SDAIN
Serial data input to and from the SDA bus on
the backplane.
7
SDAOUT
Serial data output to and from the SDA bus
on the card.
8
VCC
Power supply.
FEATURE SELECTION CHART
FEATURES
PCA9510
PCA9511
PCA9512
PCA9513
PCA9514
Idle detect
Yes
Yes
Yes
Yes
Yes
High impedance SDA, SCL pins for VCC = 0 V
Yes
Yes
Yes
Yes
Yes
Rise time accelerator circuitry on all SDA and SCL lines
—
Yes
Yes
Yes
Yes
Rise time accelerator circuitry hardware disable pin for lightly loaded
systems
—
—
Yes
—
—
Rise time accelerator threshold 0.8 V vs 0.6 V improves noise margin
—
—
—
Yes
Yes
Ready open drain output
Yes
Yes
—
Yes
Yes
Two VCC pins to support 5 V to 3.3 V level translation with improved noise
margins
—
—
Yes
—
—
1 V precharge on all SDA and SCL lines
IN only
Yes
Yes
—
—
92
µA current source on SCLIN and SDAIN for PICMG applications
—
—
—
Yes
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com