Electronic Components Datasheet Search
  English  ▼

X  

PCA9546 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9546
Description  4-channel I2C switch with reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9546 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9546 Datasheet HTML 7Page - NXP Semiconductors PCA9546 Datasheet HTML 8Page - NXP Semiconductors PCA9546 Datasheet HTML 9Page - NXP Semiconductors PCA9546 Datasheet HTML 10Page - NXP Semiconductors PCA9546 Datasheet HTML 11Page - NXP Semiconductors PCA9546 Datasheet HTML 12Page - NXP Semiconductors PCA9546 Datasheet HTML 13Page - NXP Semiconductors PCA9546 Datasheet HTML 14Page - NXP Semiconductors PCA9546 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Philips Semiconductors
Product data sheet
PCA9546
4-channel I2C switch with reset
2004 Sep 30
11
DC CHARACTERISTICS
VDD = 3.6 V to 5.5 V; VSS = 0 V; Tamb = –40 °C to +85 °C; unless otherwise specified. (See page 10 for VDD = 2.3 V to 3.6 V)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply
VDD
Supply voltage
3.6
—
5.5
V
IDD
Supply current
Operating mode; VDD = 5.5 V;
no load; VI = VDD or VSS;
fSCL = 100 kHz
—
570
600
µA
Istb
Standby current
Standby mode; VDD = 5.5 V;
no load; VI = VDD or VSS
—
250
300
µA
VPOR
Power-on reset voltage
no load; VI = VDD or VSS
—
1.7
2.1
V
Input SCL; input/output SDA
VIL
LOW-level input voltage
–0.5
—
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
—
6
V
IO
LOW level output current
VOL = 0.4 V
3
—
—
mA
IOL
LOW-level output current
VOL = 0.6 V
6
—
—
mA
IIL
LOW-level input current
VI = VSS
–10
—
+10
µA
IIH
HIGH-level input current
VI = VDD
—
—
100
µA
Ci
Input capacitance
VI = VSS
—
12
13
pF
Select inputs A0 to A2 / RESET
VIL
LOW-level input voltage
–0.5
—
+0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
—
VDD + 0.5
V
ILI
Input leakage current
pin at VDD or VSS
–1
—
+50
µA
Ci
Input capacitance
VI = VSS
—
2
3
pF
Pass Gate
RON
Switch resistance
VCC = 4.5 V to 5.5 V; VO = 0.4 V; IO = 15 mA
4
11
24
Ω
V
Switch output voltage
Vswin = VDD = 5.0 V; Iswout = –100 µA
—
3.5
—
V
VPass
Switch output voltage
Vswin = VDD = 4.5 V to 5.5 V; Iswout = –100 µA
2.6
—
4.5
V
IL
Leakage current
VI = VDD or VSS
–10
—
+100
µA
Cio
Input/output capacitance
VI = VSS
—
3
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com