Electronic Components Datasheet Search
  English  ▼

X  

PCA9510DP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9510DP
Description  Hot swappable I2C and SMBus bus buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9510DP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9510DP Datasheet HTML 7Page - NXP Semiconductors PCA9510DP Datasheet HTML 8Page - NXP Semiconductors PCA9510DP Datasheet HTML 9Page - NXP Semiconductors PCA9510DP Datasheet HTML 10Page - NXP Semiconductors PCA9510DP Datasheet HTML 11Page - NXP Semiconductors PCA9510DP Datasheet HTML 12Page - NXP Semiconductors PCA9510DP Datasheet HTML 13Page - NXP Semiconductors PCA9510DP Datasheet HTML 14Page - NXP Semiconductors PCA9510DP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Philips Semiconductors
Product data sheet
PCA9510; PCA9511
Hot swappable I2C and SMBus bus buffer
2004 Oct 05
11
ELECTRICAL CHARACTERISTICS
VCC = 2.7 V to 5.5 V; Tamb = –40 to +85 °C unless otherwise noted.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Power supply
VCC
Supply voltage
Note 1.
2.7
—
5.5
V
ICC
Supply current
VCC = 5.5 V;
VSDAIN = VSCLIN = 0 V; Note 1.
—
2.8
6
mA
ICC(sd)
Supply current in shut-down mode
VENABLE = 0 V, all other pins at VCC
or GND
—
200
—
µA
Start-up circuitry
VPRE
Precharge voltage
SDA, SCL floating; Note 1.
0.8
1.0
1.2
V
VEN
Enable threshold voltage
—
0.5 x VCC
0.7 x VCC
V
VDIS
Disable threshold voltage
0.3 x VCC
0.5 x VCC
—
V
IEN
Enable input current
Enable from 0 V to VCC
—
±0.1
±1
µA
tEN
Enable delay or initialization time
—
130
—
µs
tIDLE
Bus idle time
Note 1.
50
120
250
µs
tDIS
Disable time, ENABLE to Ready
—
15
—
ns
tSTOP
SDAIN to READY deLay after
STOP
Note 7
—
1.3
—
µs
tREADY
SCLOUT/SDAOUT to READY
Note 7
—
1.2
—
µs
IOFF
Ready off state leakage current
VEN = VCC
—
±0.3
—
µA
Ci
ENABLE capacitance
VI = VCC or GND, Note 4
—
2
—
pF
CO
Ready capacitance
VI = VCC or GND, Note 4
—
2
—
pF
VOL(READY)
LOW-level output voltage on
READY pin
Ipull-up = 3 mA; VEN = VCC; Note 1.
—
—
0.4
V
Rise time accelerators
IPULLUPAC
Transient boosted pull-up current
Positive transition on SDA, SCL,
VCC = 2.7 V;
Slew rate = 1.25 V/
µs Note 2.
1
2
—
mA
Input–output connection
VOS
Input–output offset voltage
10 k
Ω to VCC on SDA, SCL;
VCC = 3.3 V; Note 1; Note 3.
0
65
150
mV
fSCL_SDA
operating frequency
0
—
400
kHz
tPLH
SCL to SCL and SDA to SDA
10 k
Ω to VCC, CL = 100 pF each
side
—
25
—
ns
tPHL
SCL to SCL and SDA to SDA
10 k
Ω to VCC, CL = 100 pF each
side
—
380
—
ns
CIN
Digital input capacitance
Note 4
—
—
10
pF
VOL
LOW-level output voltage
Input = 0 V,
SDA, SCL pins, ISINK = 3 mA;
VCC = 2.7 V; Note 1
0
—
0.4
V
ILI
Input leakage current
SDA, SCL pins = VCC = 5.5 V
—
—
±5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com